Electronic Components Datasheet Search
  English  ▼

X  

LTC2640 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2640
Description  Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2640 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2640 Datasheet HTML 10Page - Linear Technology LTC2640 Datasheet HTML 11Page - Linear Technology LTC2640 Datasheet HTML 12Page - Linear Technology LTC2640 Datasheet HTML 13Page - Linear Technology LTC2640 Datasheet HTML 14Page - Linear Technology LTC2640 Datasheet HTML 15Page - Linear Technology LTC2640 Datasheet HTML 16Page - Linear Technology LTC2640 Datasheet HTML 17Page - Linear Technology LTC2640 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC2640
14
2640fb
TYPICAL PERFORMANCE CHARACTERISTICS
LTC2640
Multiplying Bandwidth
Noise Voltage vs Frequency
0.1Hz to 10Hz Voltage Noise
PIN FUNCTIONS
CS/LD (Pin 1): Serial Interface Chip Select/Load Input.
When CS/LD is low, SCK is enabled for shifting data on
SDI into the register. When CS/LD is taken high, SCK
is disabled and the specified command (see Table 1) is
executed.
SCK (Pin 2): Serial Interface Clock Input. CMOS and TTL
compatible.
SDI (Pin 3): Serial Interface Data Input. Data on SDI is
clocked into the DAC on the rising edge of SCK. The LTC2640
accepts input word lengths of either 24- or 32-bits.
GND (Pin 4): Ground.
VCC (Pin 5): Supply Voltage Input. 2.7V ≤ VCC ≤ 5.5V
(LTC2640-L) or 4.5V ≤ VCC ≤ 5.5V (LTC2640-H). Bypass
to GND with a 0.1μF capacitor.
REF (Pin 6): Reference Voltage Input or Output. When
External Reference mode is selected, REF is an input
(0V ≤ VREF ≤ VCC) where the voltage supplied sets the
full-scale voltage. When Internal Reference is selected,
the 10ppm/°C 1.25V (LTC2640-L) or 2.048V (LTC2640-H)
internal reference is available at the pin. This output may
be bypassed to GND with up to 10μF (0.33μF is recom-
mended), and must be buffered when driving external DC
load current.
VOUT (Pin 7): DAC Analog Voltage Output.
CLR (Pin 8, LTC2640-Z): Asynchronous Clear Input. A
logic low at this level-triggered input clears all registers
and causes the DAC voltage output to reset to Zero. CMOS
and TTL compatible.
REF_SEL (Pin 8, LTC2640-M): Selects default Reference
at power-up. Tie to VCC to select the Internal Reference,
or GND to select an External Reference. After power-up,
the logic state at this pin is ignored and the reference may
be changed only by software command.
FREQUENCY (Hz)
100
200
300
1M
2640 G34
100
0
1k
10k
100k
500
400
INTERNAL REF.
CODE = MIDSCALE
LTC2640-H
(VCC = 5V)
LTC2640-L
(VCC = 4V)
1s/DIV
10μV/DIV
2640 G35
LTC2640-L, VCC = 4V
INTERNAL REF.
CODE = MIDSCALE
FREQUENCY (Hz)
1k
0
–2
–6
–8
–14
–4
–12
–10
–16
–18
100k
2640 G33
1000k
10k
VCC = 5V
VREF(DC) = 2V
VREF(AC) = 0.2VP-P
CODE = FULL SCALE
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com