Electronic Components Datasheet Search
  English  ▼

X  

LTC2640 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2640
Description  Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2640 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2640 Datasheet HTML 14Page - Linear Technology LTC2640 Datasheet HTML 15Page - Linear Technology LTC2640 Datasheet HTML 16Page - Linear Technology LTC2640 Datasheet HTML 17Page - Linear Technology LTC2640 Datasheet HTML 18Page - Linear Technology LTC2640 Datasheet HTML 19Page - Linear Technology LTC2640 Datasheet HTML 20Page - Linear Technology LTC2640 Datasheet HTML 21Page - Linear Technology LTC2640 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC2640
18
2640fb
OPERATION
Serial Interface
The CS/LD input is level triggered. When this input is
taken low, it acts as a chip-select signal, enabling the SDI
and SCK buffers and the input shift register. Data (SDI
input) is transferred at the next 24 rising SCK edges.
The 4-bit command, C3-C0, is loaded first, followed by
4 don’t-cares bits, and finally the 16-bit data word. The
data word comprises the 12-, 10- or 8-bit input code,
ordered MSB-to-LSB, followed by 4, 6 or 8 don’t-cares
bits(LTC2640-12,LTC2640-10andLTC2640-8respectively;
see Figure 2). Data can only be transferred to the device
when the CS/LD signal is low, beginning on the first rising
edge of SCK. SCK may be high or low at the falling edge
of CS/LD. The rising edge of CS/LD ends the data transfer
and causes the device to execute the command specified
in the 24-bit input sequence. The complete sequence is
shown in Figure 3a.
The command (C3-C0) assignments are shown in Table 1.
The first three commands in the table consist of write and
update operations. A Write operation loads a 16-bit data
word from the 24-bit shift register into the input register.
In an Update operation, the input register is copied to the
DAC register and converted to an analog voltage at the
DAC output. Write to and Update combines the first two
commands. The Update operation also powers up the
DAC if it had been in power-down mode. The data path
and registers are shown in the Block Diagram.
Table 1. Command Codes
COMMAND*
C3
C2
C1
C0
0
0
0
0
Write to Input Register
0
0
0
1
Update (Power-Up) DAC Register
0
0
1
1
Write to and Update (Power-Up) DAC Register
0
1
0
0
Power Down
0
1
1
0
Select Internal Reference
0
1
1
1
Select External Reference
*Command codes not shown are reserved and should not be used
While the minimum input sequence is 24-bits, it may
optionally be extended to 32-bits to accommodate micro-
processors that have a minimum word width of 16-bits
(2-bytes). To use the 32-bit width, 8 don’t-cares bits are
transferredtothedevicefirst,followedbythe24-bitsequence
described. Figure 3b shows the 32-bit sequence.
The 16-bit data word is ignored for all commands that do
not include a Write operation.
Reference Modes
For applications where an accurate external reference is
not available, the LTC2640 has a user-selectable, integrated
reference. The LTC2640-LM/LTC2640-LZ provide a full-
scale output of 2.5V. The LTC2640-HM/LTC2640-HZ provide
a full-scale output of 4.096V. The internal reference can be
useful in applications where the supply voltage is poorly
regulated. Internal Reference mode can be selected by using
command 0110, and is the power-on default for LTC2640-
HZ/LTC2640-LZ, as well as for LTC2640-HM/LTC2640-LM
when REF_SEL is tied high.
The 10ppm/°C, 1.25V (LTC2640-LM/LTC2640-LZ) or
2.048V (LTC2640-HM/LTC2640-HZ) internal reference
is available at the REF pin. Adding bypass capacitance
to the REF pin will improve noise performance; 0.33μF
is recommended, and up to 10μF can be driven without
oscillation. This output must be buffered when driving an
external DC load current.
Alternatively, the DAC can operate in External Reference
mode using command 0111. In this mode, an input voltage
supplied externally to the REF pin provides the reference
(0V ≤ VREF ≤ VCC) and the supply current is reduced.
External Reference mode is the power-on default for
LTC2640-HM/LTC2640-LM when REF_SEL is tied low.
The reference mode of LTC2640-HZ/LTC2640-LZ can be
changed only by software command. The same is true for
LTC2640-HM/LTC2640-LM after power-on, after which the
logic state on REF_SEL is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com