Electronic Components Datasheet Search
  English  ▼

X  

LTC2923 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2923
Description  Power Supply Tracking Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2923 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2923 Datasheet HTML 9Page - Linear Technology LTC2923 Datasheet HTML 10Page - Linear Technology LTC2923 Datasheet HTML 11Page - Linear Technology LTC2923 Datasheet HTML 12Page - Linear Technology LTC2923 Datasheet HTML 13Page - Linear Technology LTC2923 Datasheet HTML 14Page - Linear Technology LTC2923 Datasheet HTML 15Page - Linear Technology LTC2923 Datasheet HTML 16Page - Linear Technology LTC2923 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC2923
13
2923fa
APPLICATIO S I FOR ATIO
Ratiometric Tracking Example
Figure 13. Ratiometric Tracking Example
This example converts the coincident tracking example to
the ratiometric tracking profile shown in Figure 12, using
two supplies without an external FET. The ramp rate of the
master signal remains unchanged (Step 1) and there is no
delay in ratiometric tracking (Step 3), so only the result of
step 2 in the 3-step design procedure needs to be consid-
ered. In this example, the ramp rate of the 1.8V slave 1
supply ramps up at 600V/s and the 2.5V slave 2 supply
ramps up at 850V/s. Always verify that the chosen ramp
rate will allow the supplies to ramp-up completely before
RAMPBUF reaches VCC. If the 1.8V supply were to ramp-
up at 500V/s it would only reach 1.65V because the
RAMPBUF signal would reach its final value of VCC = 3.3V
before the slave supply reached 1.8V.
2.
Solve for the pair of resistors that provide the desired
slave supply behavior, assuming no delay.
From Equation 2:
Rk
Vs
Vs
k
TB =
Ω≈
Ω
16 5
1000
600
27 4
.•
/
/
.
From Equation 3:
R
V
V
k
V
k
V
k
k
TA′ =
Ω
+
ΩΩ
=
Ω
08
1 235
16 5
1 235
35 7
08
27 5
10
.
.
.
.
.
–
.
.
Step 3 is unnecessary because there is no delay, so
RTA = RTA′.
1ms/DIV
2923 F12b
1V/DIV
1ms/DIV
2923 F12a
1V/DIV
Figure 12. Ratiometric Tracking (from Figure 13)
SLAVE2
SLAVE1
CGATE
10nF
0.1µF
VCC
RONB
138k
3.3V
RTB1
27.4k
RTB2
1M
RFA1
35.7k
1.8V
SLAVE1
RFB1
16.5k
RTA2
383k
RTA1
10k
RONA
100k
ON
FB1
GATE
LTC2923
GND
2923 F13
RAMP
RFA2
412k
2.5V
SLAVE2
RFB2
887k
RAMPBUF
TRACK1
TRACK2
FB2
DC/DC
IN
3.3V
3.3V
FB = 1.235V OUT
DC/DC
IN
FB = 0.8V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com