Electronic Components Datasheet Search
  English  ▼

X  

LTC2923 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2923
Description  Power Supply Tracking Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2923 Datasheet(HTML) 4 Page - Linear Technology

  LTC2923 Datasheet HTML 1Page - Linear Technology LTC2923 Datasheet HTML 2Page - Linear Technology LTC2923 Datasheet HTML 3Page - Linear Technology LTC2923 Datasheet HTML 4Page - Linear Technology LTC2923 Datasheet HTML 5Page - Linear Technology LTC2923 Datasheet HTML 6Page - Linear Technology LTC2923 Datasheet HTML 7Page - Linear Technology LTC2923 Datasheet HTML 8Page - Linear Technology LTC2923 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC2923
4
2923fa
TYPICAL PERFOR A CE CHARACTERISTICS
Specifications are at TA = 25°C unless otherwise noted.
IGATE Fast Pull-Down
vs Temperature
TEMPERATURE (°C)
–50
15
20
25
25
75
2923 G04
10
5
0
–25
0
50
30
35
40
100
VCC = 5.5V
VCC = 2.9V
VCC (V)
2.5
3
1.3
1.4
1.5
5
2923 G05
1.2
1.1
1.0
3.5
4
4.5
5.5
ITRACKx = IFBx = 0mA
IRAMPBUF = 0mA
VCC (V)
2.5
3
7.8
7.9
8.0
5
2923 G06
7.7
7.6
7.5
3.5
4
4.5
5.5
ITRACKx = IFBx = –1mA
IRAMPBUF = –2mA
ICC vs VCC
ICC vs VCC
VTRACKx vs Temperature
VRAMPBUF(OL) vs Temperature
TEMPERATURE (°C)
–50
0.785
0.790
0.795
0.800
0.805
0.810
–25
025
50
2923 G07
75
100
VCC = 2.9V
ITRACKx = 1mA
VCC = 2.9V
ITRACKx = 10µA
VCC = 5.5V
ITRACKx = 1mA
VCC = 5.5V
ITRACKx = 10µA
TEMPERATURE (°C)
–50
60
70
80
90
100
120
–25
025
50
2923 G08
75
100
110
VCC = 2.9V
VCC = 5.5V
VRAMPBUF(OH) vs Temperature
ITRACKx vs VCC
TEMPERATURE (°C)
–50
130
120
110
100
90
80
70
60
25
75
2923 G09
–25
0
50
100
VCC = 2.9V
VCC = 5.5V
VCC (V)
3
11
12
13
4.5
5.5
2923 G10
10
9
8
3.5
4
5
14
15
16
VTRACKx = 0V
VCC (V)
0
0
0.2
0.2
0.6
0.8
1.0
1
234
2923 G11
5
ISDO = 10µA
ISDO = 5mA
VSDO(OL) vs VCC
Tracking Cell Error vs ITRACKx
ITRACKx (mA)
0
3
4
5
4
2923 G12
2
1
0
1
2
3
5
ERROR =
•
– 1
VTRACKx
0.8V
IFBx
ITRACKx
EXACTLY 2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com