Electronic Components Datasheet Search
  English  ▼

X  

LTC2923 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2923
Description  Power Supply Tracking Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2923 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2923 Datasheet HTML 10Page - Linear Technology LTC2923 Datasheet HTML 11Page - Linear Technology LTC2923 Datasheet HTML 12Page - Linear Technology LTC2923 Datasheet HTML 13Page - Linear Technology LTC2923 Datasheet HTML 14Page - Linear Technology LTC2923 Datasheet HTML 15Page - Linear Technology LTC2923 Datasheet HTML 16Page - Linear Technology LTC2923 Datasheet HTML 17Page - Linear Technology LTC2923 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC2923
14
2923fa
Offset Tracking Example
APPLICATIO S I FOR ATIO
Figure 15. Offset Tracking Example
Converting the circuit in the coincident tracking example
to the offset tracking shown in Figure 14 is relatively
simple. Here the 1.8V slave 1 supply ramps up 1V below
the master. The ramp rate remains the same (1000V/s), so
there are no changes necessary to steps 1 and 2 of the
3-step design procedure. Only step 3 must be considered.
Be sure to verify that the chosen voltage offsets will allow
the slave supplies to ramp up completely. In this example,
if the voltage offset were 2V, the slave supply would only
ramp up to 3.3V – 2V = 1.3V.
3.
Choose RTA to obtain the desired delay.
First, convert the desired voltage offset, VOS, to a delay,
tD, using the ramp rate:
t
V
S
V
Vs
ms
D
OS
S
==
=
1
1000
1
/
(6)
From Equation 4:
R
Vk
ms
V s
k
TA′′ =
Ω
=
Ω
0 8
16 5
1
1000
13 2
.•
.
•/
.
From Equation 5:
RTA = 13.1kΩ||13.2kΩ ≈ 6.65kΩ
1ms/DIV
2923 F14b
1V/DIV
1ms/DIV
2923 F14a
1V/DIV
Figure 14. Offset Tracking (from Figure 15)
SLAVE2
SLAVE1
MASTER
Q1
CGATE
10nF
VCC
RONB
138k
3.3V
RTB1
16.5k
RTB2
887k
RFA1
35.7k
1.8V
SLAVE1
3.3V
MASTER
RFB1
16.5k
RTA2
316k
RTA1
6.65k
RONA
100k
ON
FB1
FB2
GATE
LTC2923
GND
2923 F15
RAMP
RFA2
412k
2.5V
SLAVE2
RFB2
887k
RAMPBUF
TRACK1
TRACK2
DC/DC
IN
3.3V
3.3V
FB = 1.235V OUT
DC/DC
IN
FB = 0.8V
OUT
0.1µF
10Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com