Electronic Components Datasheet Search
  English  ▼

X  

LTC2923CMS Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2923CMS
Description  Power Supply Tracking Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2923CMS Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2923CMS Datasheet HTML 3Page - Linear Technology LTC2923CMS Datasheet HTML 4Page - Linear Technology LTC2923CMS Datasheet HTML 5Page - Linear Technology LTC2923CMS Datasheet HTML 6Page - Linear Technology LTC2923CMS Datasheet HTML 7Page - Linear Technology LTC2923CMS Datasheet HTML 8Page - Linear Technology LTC2923CMS Datasheet HTML 9Page - Linear Technology LTC2923CMS Datasheet HTML 10Page - Linear Technology LTC2923CMS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC2923
7
2923fa
APPLICATIO S I FOR ATIO
Power Supply Tracking and Sequencing
The LTC2923 handles a variety of power-up profiles to
satisfy the requirements of digital logic circuits including
FPGAs, PLDs, DSPs and microprocessors. These require-
ments fall into one of the four general categories illus-
trated in Figures 1 to 4.
Some applications require that the potential difference
between two power supplies must never exceed a speci-
fied voltage. This requirement applies during power-up
and power-down as well as during steady-state operation,
often to prevent destructive latch-up in a dual supply ASIC.
Typically, this is achieved by ramping the supplies up and
down together (Figure 1). In other applications it is desir-
able to have the supplies ramp up and down with fixed
voltage offsets between them (Figure 2) or to have them
ramp up and down ratiometrically (Figure 3).
Certain applications require one supply to come up after
another. For example, a system clock may need to start
before a block of logic. In this case, the supplies are
sequenced as in Figure 4 where the 2.5V supply ramps up
after the 1.8V supply is completely powered.
Operation
The LTC2923 provides a simple solution to all of the power
supply tracking and sequencing profiles shown in Figures
1 to 4. A single LTC2923 controls up to three supplies with
two “slave” supplies that track a “master” signal. With just
two resistors, a slave supply is configured to ramp up as
a function of the master signal. This master signal can be
a third supply that is ramped up through an external FET,
whose ramp rate is set with a single capacitor, or it can be
a signal generated by tying the GATE and RAMP pins to an
external capacitor.
1V/DIV
1ms/DIV
2923 F01
Figure 1. Coincident Tracking
1V/DIV
1ms/DIV
2923 F02
Figure 2. Offset Tracking
1V/DIV
1ms/DIV
2923 F03
Figure 3. Ratiometric Tracking
1V/DIV
1ms/DIV
2923 F04
Figure 4. Supply Sequencing
MASTER
SLAVE1
SLAVE2
MASTER
SLAVE1
SLAVE2
MASTER
SLAVE1
SLAVE2
SLAVE1
SLAVE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com