Electronic Components Datasheet Search
  English  ▼

X  

LTC2923CMS Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2923CMS
Description  Power Supply Tracking Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2923CMS Datasheet(HTML) 1 Page - Linear Technology

  LTC2923CMS Datasheet HTML 1Page - Linear Technology LTC2923CMS Datasheet HTML 2Page - Linear Technology LTC2923CMS Datasheet HTML 3Page - Linear Technology LTC2923CMS Datasheet HTML 4Page - Linear Technology LTC2923CMS Datasheet HTML 5Page - Linear Technology LTC2923CMS Datasheet HTML 6Page - Linear Technology LTC2923CMS Datasheet HTML 7Page - Linear Technology LTC2923CMS Datasheet HTML 8Page - Linear Technology LTC2923CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC2923
1
2923fa
■ Flexible Power Supply Tracking
■ Tracks Both Up and Down
■ Power Supply Sequencing
■ Supply Stability is Not Affected
■ Controls Two Supplies Without Series FETs
■ Controls a Third Supply With a Series FET
■ Adjustable Ramp Rates
■ Electronic Circuit Breaker
■ Available in 10-Lead MS and 12-Lead
(4mm × 3mm) DFN Packages
Power Supply
Tracking Controller
■ VCORE and VI/O Supply Tracking
■ Microprocessor, DSP and FPGA Supplies
■ Servers
■ Communication Systems
The LTC
®2923 provides a simple solution to power supply
tracking and sequencing requirements. By selecting a few
resistors, the supplies can be configured to ramp-up and
ramp-down together or with voltage offsets, time delays
or different ramp rates.
By introducing currents into the feedback nodes of two
independent switching regulators, the LTC2923 causes
their outputs to track without inserting any pass element
losses. Because the currents are controlled in an open-
loop manner, the LTC2923 does not affect the transient
response or stability of the supplies. Furthermore, it
presents a high impedance when power-up is complete,
effectively removing it from the DC/DC circuit.
For systems that require a third supply, one supply can be
controlled with a series FET. This optional series FET can
also control a supply that does not allow direct access to
its feedback resistors (e.g., a power module) or a supply
whose output cannot be forced to ground (e.g., a 3-termi-
nal linear regulator). When the FET is used, an electronic
circuit breaker provides protection from short-circuit
conditions.
Q1
10nF
VCC
VIN
VIN
138k
VIN
3.3V
16.5k
887k
35.7k
1.8V
3.3V
16.5k
412k
13k
100k
ON
RAMPBUF
TRACK1
TRACK2
FB1
GATE
LTC2923
GND
2923 TA01
RAMP
412k
2.5V
887k
DC/DC
IN
FB = 1.235V
OUT
DC/DC
IN
FB = 0.8V
OUT
FB2
SDO
STATUS
1V/DIV
1ms/DIV
2923 TA02
3.3V
2.5V
1.8V
1V/DIV
3.3V
2.5V
1.8V
1ms/DIV
2923 F08b
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
APPLICATIO S
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Patents Pending.


Similar Part No. - LTC2923CMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2923 LINER-LTC2923 Datasheet
343Kb / 24P
10A High Effi ciency DC/DC 關Module
LTC2923 LINER-LTC2923 Datasheet
574Kb / 26P
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTC2923 LINER-LTC2923 Datasheet
738Kb / 26P
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTC2923 LINER-LTC2923 Datasheet
153Kb / 16P
Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2923 LINER-LTC2923_15 Datasheet
284Kb / 20P
Power Supply Tracking Controller
More results

Similar Description - LTC2923CMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6118 INTERSIL-ISL6118 Datasheet
454Kb / 10P
Dual Power Supply Controller
March 2004
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
logo
Orister Corporation
RS2201 ORISTER-RS2201 Datasheet
529Kb / 12P
Switching Power Supply Controller
logo
Linear Technology
LTC2925 LINER-LTC2925 Datasheet
351Kb / 20P
Multiple Power Supply Tracking Controller with Power Good Timeout
LTC2927 LINER-LTC2927 Datasheet
255Kb / 16P
Single Power Supply Tracking Controller
logo
Extech Instruments Corp...
382285 EXTECH-382285 Datasheet
175Kb / 1P
Dual Tracking, Triple Output DC Power Supply
logo
Linear Technology
LTC2927 LINER-LTC2927_15 Datasheet
262Kb / 16P
Single Power Supply Tracking Controller
LTC2925 LINER-LTC2925_15 Datasheet
368Kb / 24P
Multiple Power Supply Tracking Controller with Power Good Timeout
LTC2923 LINER-LTC2923_15 Datasheet
284Kb / 20P
Power Supply Tracking Controller
logo
Renesas Technology Corp
ISL6118 RENESAS-ISL6118 Datasheet
638Kb / 10P
Dual Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com