Electronic Components Datasheet Search
  English  ▼

X  

LTC2923CMS Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2923CMS
Description  Power Supply Tracking Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2923CMS Datasheet(HTML) 3 Page - Linear Technology

  LTC2923CMS Datasheet HTML 1Page - Linear Technology LTC2923CMS Datasheet HTML 2Page - Linear Technology LTC2923CMS Datasheet HTML 3Page - Linear Technology LTC2923CMS Datasheet HTML 4Page - Linear Technology LTC2923CMS Datasheet HTML 5Page - Linear Technology LTC2923CMS Datasheet HTML 6Page - Linear Technology LTC2923CMS Datasheet HTML 7Page - Linear Technology LTC2923CMS Datasheet HTML 8Page - Linear Technology LTC2923CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC2923
3
2923fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VON(FC)
ON Pin Fault Clear Threshold Voltage
●
0.3
0.4
0.5
V
ION
ON Pin Input Current
VON = 1.2V, VCC = 5.5V
●
0
±100
nA
∆VDS(TH)
FET Drain-Source Overcurrent Voltage Threshold
●
160
200
240
mV
(VCC – VRAMP)
IRAMP
RAMP Pin Input Current
0V < RAMP < VCC, VCC = 5.5V
●
0
±1
µA
VRAMPBUF(OL)
RAMPBUF Low Voltage
IRAMPBUF = 2mA
●
90
150
mV
VRAMPBUF(OH)
RAMPBUF High Voltage (VCC – VRAMPBUF)IRAMPBUF = –2mA
●
100
200
mV
VOS
Ramp Buffer Offset (VRAMPBUF – VRAMP)VRAMPBUF = VCC/2, IRAMPBUF = 0A
–30
0
30
mV
IERROR(%)
IFBx to ITRACKx Current Mismatch
ITRACKx = –10µA
●
0
±5%
IERROR(%) = (IFBx – ITRACKx)/ITRACKx
ITRACKx = –1mA
●
0
±5%
VTRACKx
TRACK Pin Voltage
ITRACKx = –10µA
●
0.776
0.8
0.824
V
ITRACKx = –1mA
●
0.776
0.8
0.824
V
IFB(LEAK)
IFB Leakage Current
VFB = 1.5V, VCC = 5.5V
●
±1
±100
nA
VFB(CLAMP)
VFB Clamp Voltage
1µA < IFB < 1mA
●
1.5
1.7
2
V
VSDO(OL)
SDO Output Low Voltage
ISDO = 3mA
●
0.2
0.4
V
VSTATUS(OL)
STATUS Output Low Voltage
ISTATUS = 3mA
●
0.2
0.4
V
tPSC
Short-Circuit Propagation Delay VDS High
VDS = VCC, VCC = 2.9V
10
20
µs
to GATE Low
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. 2.9V < VCC < 5.5V unless otherwise noted (Note 3).
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The GATE pin is internally limited to a minimum of 11.5V. Driving
this pin to voltages beyond the clamp may damage the part.
Note 3: All currents into the device pins are positive; all currents out of
device pins are negative. All voltages are referenced to ground unless
otherwise specified.
TYPICAL PERFOR A CE CHARACTERISTICS
VGATE vs VCC
VGATE vs IGATE
IGATE vs VCC Fast Pull-Down
VCC (V)
2
8
9
10
12
11
34
2923 G01
56
IGATE (µA)
0
0
5
10
15
510
VCC = 2.9V
VCC = 5.5V
2923 G02
15
VCC (V)
0
0
5
10
15
20
30
1
23
4
2923 G03
56
25
VGATE = 5V
Specifications are at TA = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com