Electronic Components Datasheet Search
  English  ▼

X  

LTC2928IG Datasheet(PDF) 25 Page - Linear Technology

Part # LTC2928IG
Description  Multichannel Power Supply Sequencer and Supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2928IG Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC2928IG Datasheet HTML 21Page - Linear Technology LTC2928IG Datasheet HTML 22Page - Linear Technology LTC2928IG Datasheet HTML 23Page - Linear Technology LTC2928IG Datasheet HTML 24Page - Linear Technology LTC2928IG Datasheet HTML 25Page - Linear Technology LTC2928IG Datasheet HTML 26Page - Linear Technology LTC2928IG Datasheet HTML 27Page - Linear Technology LTC2928IG Datasheet HTML 28Page - Linear Technology LTC2928IG Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LTC2928
25
2928f
g. Undervoltage thresholds
The positive supply monitor undervoltage threshold at all
of the monitor inputs is 0.5V. Connect a resistive divider
from the sensed voltage to ground. Connect the tap point
to the respective high impedance monitor input. Specify
the required undervoltage threshold (UVTH) and calculate
the divider ratio using
RnB
RnA
UV V
V
TH
=
( )
.
–
0 5
1
This application requires –6.5% undervoltage thresholds
for all supplies. For the 1.8V supply monitored on V3,
the undervoltage threshold is 1.683V (1.8V x 0.935). The
necessary divider ratio is
R B
R A
V
3
3
1 683
0 5
1 2 37
=
≈
.
.
–
.
AgoodchoiceforR3Bis23.7kandR3Ais10k.Allsequence
thresholdsareapercentageoftheconfiguredundervoltage
threshold. The remaining ratios are:
R B
R A
V
R B
R A
V
1
1
2 338
0 5
1 3 68
2
2
1 403
0 5
1 1
=
≈
=
≈
.
.
–
.
.
.
–
..
.
.
–
.
81
4
4
3 086
0 5
1 5 17
R B
R A
V
=
≈
h. Power-good timing
The“power-good”timedefinesthemaximumtimeallowed
for all monitored voltages to reach their undervoltage
threshold when sequencing-up, or the sequence-down
threshold(whensequencing-down)withrespecttothetime
of the first enabled (disabled) supply. If the “power-good”
timer expires, a sequence fault occurs. The “power-good”
time (tPTMR) is set with a capacitor from the PTMR pin to
ground. Calculate the “power-good” capacitance from
C
F
t
s
M
PTMR
PTMR
( )
( )
.
=
4 0
Ω
For this application, the “power-good” time is 400ms,
yielding
C
ms
M
F
PTMR =
=
400
4 0
0 1
.
.
Ω
µ
i. Reset delay time
The reset delay time is the additional time that RST is held
low after all monitor inputs are above their undervoltage
threshold. It is also the additional time that OV is held low
(after an overvoltage event) after all monitor inputs are
below their overvoltage threshold. When the reset timer
expires, RST and/or OV is allowed to pull high. The reset
delay time (tRTMR) is set with a capacitor from the RTMR
pin to ground. Calculate the reset capacitance from
C
F
t
s
M
RTMR
RTMR
( )
( )
.
=
4 0
Ω
For this application, the reset delay time is 190ms,
yielding
C
F
ms
M
F
RTMR( )
.
.
=
=
190
4 0
0 047
Ω
µ
j. Overvoltage thresholds
Configure the OVA pin to set the global overvoltage
thresholds.Theapplicationrequiresovervoltagethresholds
at approximately 25% above the nominal supply voltage.
For the 1.8V supply, the overvoltage threshold (OVTH)
equals 2.25V (1.8V x 1.25). Compute the required value
for VOVA from:
V
V
RnA
RnA RnB
OV V
OVA
TH
( )
•
( )
=
+
For this application,
V
V
k
k
k
V
OVA( )
.
• .
.
=
+
=
10
10
23 7
2 25 0 667
From the curves in Figures 16 and 17, the approximate
value for VOVA is achieved by leaving the OVA pin open.
Since the other monitor inputs were configured for the
same relative undervoltage level, the relative overvoltage
levels for the other supplies are the same (+ 25%).
Theapplicationrequiresafastshutdownuponovervoltage.
To generate a fault upon an overvoltage condition, tie
OV to FLT. The fault condition shuts down all controlled
supplies.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com