Electronic Components Datasheet Search
  English  ▼

X  

LTC2928IG Datasheet(PDF) 29 Page - Linear Technology

Part # LTC2928IG
Description  Multichannel Power Supply Sequencer and Supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2928IG Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC2928IG Datasheet HTML 24Page - Linear Technology LTC2928IG Datasheet HTML 25Page - Linear Technology LTC2928IG Datasheet HTML 26Page - Linear Technology LTC2928IG Datasheet HTML 27Page - Linear Technology LTC2928IG Datasheet HTML 28Page - Linear Technology LTC2928IG Datasheet HTML 29Page - Linear Technology LTC2928IG Datasheet HTML 30Page - Linear Technology LTC2928IG Datasheet HTML 31Page - Linear Technology LTC2928IG Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LTC2928
29
2928f
G36 SSOP 0204
0.09 – 0.25
(.0035 – .010)
0
° – 8°
0.55 – 0.95
(.022 – .037)
5.00 – 5.60**
(.197 – .221)
7.40 – 8.20
(.291 – .323)
1 2 3 4 5 6 7 8 9 10 11 12
14 15 16 17 18
13
12.50 – 13.10*
(.492 – .516)
25
26
22 21 20 19
23
24
27
28
29
30
31
32
33
34
35
36
2.0
(.079)
MAX
0.05
(.002)
MIN
0.65
(.0256)
BSC
0.22 – 0.38
(.009 – .015)
TYP
MILLIMETERS
(INCHES)
NOTE:
1. CONTROLLING DIMENSION: MILLIMETERS
2. DIMENSIONS ARE IN
DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED .152mm (.006") PER SIDE
DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED .254mm (.010") PER SIDE
*
**
3. DRAWING NOT TO SCALE
0.42
±0.03
0.65 BSC
5.3 – 5.7
7.8 – 8.2
RECOMMENDED SOLDER PAD LAYOUT
1.25
±0.12
PACKAGE DESCRIPTIO
G Package
36-Lead Plastic SSOP (5.3mm)
(Reference LTC DWG # 05-08-1640)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com