Electronic Components Datasheet Search
  English  ▼

X  

LTC3220 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3220
Description  360mA Universal 18-Channel LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3220 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3220 Datasheet HTML 9Page - Linear Technology LTC3220 Datasheet HTML 10Page - Linear Technology LTC3220 Datasheet HTML 11Page - Linear Technology LTC3220 Datasheet HTML 12Page - Linear Technology LTC3220 Datasheet HTML 13Page - Linear Technology LTC3220 Datasheet HTML 14Page - Linear Technology LTC3220 Datasheet HTML 15Page - Linear Technology LTC3220 Datasheet HTML 16Page - Linear Technology LTC3220 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC3220/LTC3220-1
13
32201fb
Blink Times and Period
Gradation Ramp Times and Period
D4 (GB4)
D3 (GB3)
On Time
Period
D2 (GB2)
D1 (GB1)
Ramp Time
Period
0
0
1
1
0
1
0
1
0.625s
0.156s
0.625s
0.156s
1.25s
1.25s
2.5s
2.5s
0
0
1
1
0
1
0
1
Disabled
0.24s
0.48s
0.96s
Disabled
0.313s
0.625s
1.25s
REG19, Gradation and Blinking
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
Unused
Unused
Unused
GB4
GB3
GB2
GB1
Up
Sub-Address 00001 to 10010 per Sub-Address Table
Blink/Gradation/Dropout Enable
LED Current Data
MSB
LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Normal
Blink Enabled
Gradation Enabled
GPO Mode*
Strong Pull-Down Mode
Current Limited Mode
High Impedance/Off
*(Gradation/Blink/Dropout Off)
0
0
1
1
1
0
0
1
0
1
1
0
D5
D5
D5
0
D5
0
D4
D4
D4
0
D4
0
D3
D3
D3
0
D3
0
D2
D2
D2
0
D2
0
D1
D1
D1
0
D1
0
D0
D0
D0
0
D0
0
Data Bytes
REG1 to REG18, Universal LED 6-bit linear DAC data with
blink/gradation.
Up
0
1
Gradation counts down
Gradation counts up
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com