Electronic Components Datasheet Search
  English  ▼

X  

LTC3220 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3220
Description  360mA Universal 18-Channel LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3220 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3220 Datasheet HTML 12Page - Linear Technology LTC3220 Datasheet HTML 13Page - Linear Technology LTC3220 Datasheet HTML 14Page - Linear Technology LTC3220 Datasheet HTML 15Page - Linear Technology LTC3220 Datasheet HTML 16Page - Linear Technology LTC3220 Datasheet HTML 17Page - Linear Technology LTC3220 Datasheet HTML 18Page - Linear Technology LTC3220 Datasheet HTML 19Page - Linear Technology LTC3220 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC3220/LTC3220-1
18
32201fb
Power Efficiency
To calculate the power efficiency (η) of an LED driver chip,
the LED power should be compared to the input power.
The difference between these two numbers represents
lost power whether it is in the charge pump or the cur-
rent sources. Stated mathematically, the power efficiency
is given by:
η =
PLED
PIN
(4)
The efficiency of the LTC3220/LTC3220-1 depends upon
the mode in which it is operating. Recall that the LTC3220/
LTC3220-1 operate as pass switches, connecting VIN to
CPO, until dropout is detected at the ILED pin. This feature
provides the optimum efficiency available for a given input
voltage and LED forward voltage. When it is operating as
a switch, the efficiency is approximated by:
η =
PLED
PIN
=
VLED •ILED
VIN •IIN
=
VLED
VIN
(5)
since the input current will be very close to the sum of
the LED currents.
At moderate to high output power, the quiescent current
of the LTC3220/LTC3220-1 is negligible and the expres-
sion above is valid.
Once dropout is detected at any LED pin, the LTC3220/
LTC3220-1 enable the charge pump in 1.5x mode.
APPLICATIONS INFORMATION
In 1.5x boost mode, the efficiency is similar to that of a
linear regulator with an effective input voltage of 1.5 times
the actual input voltage. This is because the input current
for a 1.5x charge pump is approximately 1.5 times the
load current. In an ideal 1.5x charge pump, the power
efficiency would be given by:
ηIDEAL =
PLED
PIN
=
VLED •ILED
VIN •1.5 •ILED
=
VLED
1.5 • VIN
Similarly, in 2x boost mode, the efficiency is similar to
that of a linear regulator with an effective input voltage
of 2 times the actual input voltage. In an ideal 2x charge
pump, the power efficiency would be given by:
ηIDEAL =
PLED
PIN
=
VLED •ILED
VIN •2•ILED
=
VLED
2• VIN
Thermal Management
For higher input voltages and maximum output current,
there can be substantial power dissipation in the LTC3220/
LTC3220-1. If the junction temperature increases above
approximately 150°C, the thermal shutdown circuitry will
automatically deactivate the output current sources and
charge pump. To reduce maximum junction temperature,
a good thermal connection to the PC board is recom-
mended. Connecting the Exposed Pad to a ground plane
and maintaining a solid ground plane under the device
will reduce the thermal resistance of the package and PC
board considerably.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com