Electronic Components Datasheet Search
  English  ▼

X  

LTC3447 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3447
Description  I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3447 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3447 Datasheet HTML 8Page - Linear Technology LTC3447 Datasheet HTML 9Page - Linear Technology LTC3447 Datasheet HTML 10Page - Linear Technology LTC3447 Datasheet HTML 11Page - Linear Technology LTC3447 Datasheet HTML 12Page - Linear Technology LTC3447 Datasheet HTML 13Page - Linear Technology LTC3447 Datasheet HTML 14Page - Linear Technology LTC3447 Datasheet HTML 15Page - Linear Technology LTC3447 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3447
13
3447f
APPLICATIO S I FOR ATIO
loss dominates the efficiency loss at medium to high
load currents. In a typical efficiency plot, the efficiency
curve at very low load currents can be misleading since
the actual power lost is of no consequence as illustrated
in Figure 8.
Figure 8. Power Loss vs Load Current
The VIN quiescent current is due to two components: the
DC bias current as given in the electrical characteristics
and the internal main switch and synchronous switch
gate charge currents. The gate charge current results
from switching the gate capacitance of the internal power
MOSFET switches. Each time the gate is switched from
high to low to high again, a packet of charge, dQ, moves
from VIN to ground. The resulting dQ/dt is the current out
of VIN that is typically larger than the DC bias current. In
continuous mode, IGATECHG = f(QT + QB) where QT and
QB are the gate charges of the internal top and bottom
switches. Both the DC bias and gate charge losses are
proportional to VIN and thus their effects will be more
pronounced at higher supply voltages.
I2R losses are calculated from the resistances of the internal
switches, RSW, and external inductor RL. In continuous
mode, the average output current flowing through inductor
L is “chopped” between the main switch and the synchro-
nous switch. Thus, the series resistance looking into the
SW pin is a function of both top and bottom MOSFET
RDS(ON) and the duty cycle (DC) as follows:
RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 – DC)
The RDS(ON) for both the top and bottom MOSFETs can
be obtained from the Typical Performance Characteristics
curves. Thus, to obtain I2R losses, simply add RSW to
DAC = MIN
DAC = MAX
LOAD CURRENT (mA)
0.1
1
0.1
0.01
0.001
10
1
100
1000
3447 F08
RL and multiply the result by the square of the average
output current.
Other losses including CIN and COUT ESR dissipative losses
and inductor core losses generally account for less than
2% total additional loss.
Checking Transient Response
The regulator loop response can be checked by looking
at the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to (ΔILOAD • ESR), where ESR is the effective series
resistance of COUT. ΔILOAD also begins to charge or dis-
charge COUT, which generates a feedback error signal.
The regulator loop then acts to return VOUT to its steady
state value. During this recovery time VOUT can be moni-
tored for overshoot or ringing that would indicate a stability
problem. For a detailed explanation of switching control
loop theory, see Application Note 76.
A second, more severe transient is caused by switching
in loads with large (>1µF) supply bypass capacitors. The
discharged bypass capacitors are effectively put in paral-
lel with COUT, causing a rapid drop in VOUT. No regulator
can deliver enough current to prevent this problem if the
load switch resistance is low and it is driven quickly. The
only solution is to limit the rise time of the switch drive
so that the load rise time is limited to approximately (25
• CLOAD). Thus, a 10µF capacitor charging to 3.3V would
require a 250µs rise time, limiting the charging current
to about 130mA.
Thermal Considerations
In most applications the LTC3447 does not dissipate much
heat due to its high efficiency. But, in applications where the
LTC3447 is running at high ambient temperature with low
supply voltage and high duty cycles, such as in dropout,
the heat dissipated may exceed the maximum junction
temperature of the part. If the junction temperature reaches
approximately 150°C, both power switches will be turned
off and the SW node will become high impedance.
To avoid the LTC3447 from exceeding the maximum junc-
tion temperature, the user will need to do some thermal
analysis. The goal of the thermal analysis is to determine
whether the power dissipated exceeds the maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com