Electronic Components Datasheet Search
  English  ▼

X  

LTC3447 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3447
Description  I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3447 Datasheet(HTML) 2 Page - Linear Technology

  LTC3447 Datasheet HTML 1Page - Linear Technology LTC3447 Datasheet HTML 2Page - Linear Technology LTC3447 Datasheet HTML 3Page - Linear Technology LTC3447 Datasheet HTML 4Page - Linear Technology LTC3447 Datasheet HTML 5Page - Linear Technology LTC3447 Datasheet HTML 6Page - Linear Technology LTC3447 Datasheet HTML 7Page - Linear Technology LTC3447 Datasheet HTML 8Page - Linear Technology LTC3447 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3447
2
3447f
ABSOLUTE
AXI U
RATI GS
FOR ATIO
PACKAGE/ORDER I
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RUN
Run Threshold
0.3
1
1.5
V
PGOOD
Reports Undervoltage
PGOOD = 0.4V
3
mA
RVOUT
Feedback Resistance
460
kΩ
VOUT(MIN)
Regulated Output Voltage
●
0.669
0.69
0.711
V
VOUT(MAX)
Regulated Output Voltage
●
1.989
2.05
2.112
V
VOUT
Output Voltage Step Size (6-bits)
●
20.3
21.6
22.9
mV
ΔVOUT
Output Voltage Line Regulation
VIN = 2.5V to 5.5V (Note 6)
●
0.2
1.2
%/V
0.2
1
%/V
IPK
Peak Inductor Current
Duty Cycle < 35%, Wafer Level
0.75
1
1.25
A
VLOADREG
Output Voltage Load Regulation
0.5
%
VIN
Input Voltage Range
●
2.5
5.5
V
IS
Input DC Bias Current
(Note 4)
Burst Mode Operation
ILOAD = 0A
34
60
µA
Active Mode
VOUT = 90%, ILOAD = 0A
280
400
µA
Shutdown
VRUN = 0V, VIN = 5.5V
0.1
1
µA
fOSC
Nominal Oscillator Frequency
VOUT = 100%
●
0.7
1
1.3
MHz
VOUT = 0V
160
kHz
RPFET
RDS(ON) of P-Channel FET
ISW = 100mA, Wafer Level
0.32
Ω
RNFET
RDS(ON) of N-Channel FET
ISW = –100mA, Wafer Level
0.22
Ω
ILSW
SW Leakage
VRUN = 0V, VSW = 0V or 5V, VIN = 5V
±0.1
±1
µA
FB
Optional Start-Up Feedback Voltage
Regulated Feedback Voltage
0.6
V
IFB
Feedback Input Current
2.5
10
nA
SCLTHR
I2C Clock Logic Threshold
(Note 5)
VCCD/2
V
SCLHYST
I2C Clock Logic Hysteresis
(Note 5)
300
mV
SDATHR
I2C Data Logic Threshold
(Note 5)
VCCD/2
V
SDAHYST
I2C Data Logic Hysteresis
(Note 5)
300
mV
VIN, VCCD Voltages .......................................–0.3V to 6V
RUN, VOUT, FB Voltages .............................. – 0.3V to VIN
SW Voltage ................................... – 0.3V to (VIN + 0.3V)
SCL, SDA Voltages................................... – 0.3V to VCCD
P-Channel Switch Source Current (DC) ...............800mA
N-Channel Switch Sink Current (DC) ...................800mA
Peak SW Sink and Source Current ...........................1.3A
Operating Temperature Range (Note 2) ...– 40°C to 85°C
Junction Temperature (Note 3) ............................. 125°C
Storage Temperature Range...................– 65°C to 125°C
ORDER PART
NUMBER
DD PART
MARKING
TJMAX = 125°C, θJA = 43°C/W, θJC = 2.96°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LBKB
LTC3447EDD
(Note 1)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V unless otherwise specified.
TOP VIEW
10
9
6
7
8
11
4
5
3
2
1
SDA
VCCD
SCL
RUN
SW
VOUT
GND
FB
PGOOD
VIN
DD PACKAGE
10-LEAD (3mm x 3mm)PLASTIC DFN
EXPOSED PAD IS GND (PIN 11)
MUST BE SOLDERED TO PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com