Electronic Components Datasheet Search
  English  ▼

X  

LTC3447 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3447
Description  I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3447 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3447 Datasheet HTML 2Page - Linear Technology LTC3447 Datasheet HTML 3Page - Linear Technology LTC3447 Datasheet HTML 4Page - Linear Technology LTC3447 Datasheet HTML 5Page - Linear Technology LTC3447 Datasheet HTML 6Page - Linear Technology LTC3447 Datasheet HTML 7Page - Linear Technology LTC3447 Datasheet HTML 8Page - Linear Technology LTC3447 Datasheet HTML 9Page - Linear Technology LTC3447 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3447
6
3447f
SW (Pin 6): Switch Node Connector to Inductor. This pin
connects the drains of the internal main and synchronous
power MOSFET switches.
RUN (Pin 7): Run Control Input. Forcing pin above 1.5V
enables the part. Forcing the pin below 0.3V shuts down
the device. In shutdown, all functions are disabled draw-
ing <1µA of supply current. Do not leave the RUN pin
floating.
SCL (Pin 8): I2C Clock Input.
VCCD (Pin 9): I
2C Power Rail.
SDA (Pin 10): I2C Data Input.
Exposed Pad (Pin 11): Ground. Must be connected to
PCB ground for electrical contact and optimized thermal
performance.
VOUT (Pin 1): Output Voltage Sensing Pin. An internal
resistor divider provides the divided down feedback refer-
ence for comparison.
GND (Pin 2): Ground for all Circuits Excluding the Internal
Synchronous Power NFET.
FB (Pin 3): Feedback Sensing Pin for the Optional External
Feedback Resistors. Must be tied to VIN if there are no
external feedback resistors.
PGOOD (Pin 4): Fault Report. Open drain driver sinks cur-
rent when VOUT is 10% out of tolerance. Blanking during
DAC changes can be enabled via the I2C.
VIN (Pin 5): Main Supply Pin. Must be closely decoupled
to GND with a 2.2µF or greater capacitor.
PI FU CTIO S
Figure 2. LTC3447 High Level Block Diagram
BLOCK DIAGRA
–
+
SLEW
SOFT-START
MUX
BUCK
REGULATOR
SW
FB
SW
VFB
VREF
BURST
BURST
REF
UV REF
OV REF
POWER
GOOD
DAC
VDAC
LOAD
6-BIT DAC
I2C
BLANK
MUX
DAC
R
1.3R
R1
R2
VIN
RUN
VCCD
SDA
SCL
PGOOD
LTC3447
S
3447 BD
CIN
VOUT
COUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com