Electronic Components Datasheet Search
  English  ▼

X  

LTC3544EUD Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3544EUD
Description  Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3544EUD Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3544EUD Datasheet HTML 3Page - Linear Technology LTC3544EUD Datasheet HTML 4Page - Linear Technology LTC3544EUD Datasheet HTML 5Page - Linear Technology LTC3544EUD Datasheet HTML 6Page - Linear Technology LTC3544EUD Datasheet HTML 7Page - Linear Technology LTC3544EUD Datasheet HTML 8Page - Linear Technology LTC3544EUD Datasheet HTML 9Page - Linear Technology LTC3544EUD Datasheet HTML 10Page - Linear Technology LTC3544EUD Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3544
7
3544fa
PIN FUNCTIONS
VFB200B (Pin 1): 200mA Regulator B Feedback Pin. This
pin receives the feedback voltage from an external resistive
divider across the output.
VFB200A (Pin 2): 200mA Regulator A Feedback Pin. This
pin receives the feedback voltage from an external resistive
divider across the output.
RUN200A (Pin 3): 200mA Regulator A Enable Pin. Forcing
this pin to VIN enables the 200mA regulator (channel A),
while forcing it to GND causes the regulator to shut off.
SW200B (Pin 4): Switch Node Connection to Inductor for
200mA Regulator B. This pin connects to the drains of the
internal power MOSFET switches.
SW200A (Pin 5): Switch Node Connection to Inductor for
200mA Regulator A. This pin connects to the drains of the
internal power MOSFET switches.
PGND (Pin 6): Power Path Return Pin for Both 200mA
Regulators and the 300mA Regulator.
PVIN (Pin 7): Power Path Supply Pin for Both 200mA
Regulators and the 300mA Regulator. This pin must
be closely decoupled to PGND, with a 4.7μF or greater
ceramic capacitor.
SW300 (Pin 8): Switch Node Connection to Inductor for
300mA Regulator. This pin connects to the drains of the
internal power MOSFET switches.
RUN300 (Pin 9): 300mA Regulator Enable Pin. Forcing
this pin to VIN enables the 300mA regulator, while forcing
it to GND causes the regulator to shut off.
VFB300 (Pin 10): 300mA Regulator Feedback Pin. This pin
receives the feedback voltage from an external resistive
divider across the output.
VFB100 (Pin 11): 100mA Regulator Feedback Pin. This pin
receives the feedback voltage from an external resistive
divider across the output.
RUN100 (Pin 12): 100mA Regulator Enable Pin. Forcing
this pin to VIN enables the 100mA regulator, while forcing
it to GND causes the 100mA regulator to shut off.
SW100 (Pin 13): Switch Node Connection to Inductor for
100mA Regulator. This pin connects to the drains of the
internal power MOSFET switches.
GNDA (Pin 14): Ground Pin for Internal Reference and Con-
trol Circuitry. Power path return for the 100mA regulator.
VCC (Pin 15): Supply Pin for Internal Reference and Control
Circuitry. Power path supply pin for the 100mA regulator.
RUN200B (Pin 16): 200mA Regulator B Enable Pin. Forcing
this pin to VIN enables the 200mA regulator (channel B),
while forcing it to GND causes the regulator to shut off.
Exposed Pad (Pin 17): Ground. Must be soldered to PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com