Electronic Components Datasheet Search
  English  ▼

X  

LTC3544EUD Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3544EUD
Description  Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3544EUD Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3544EUD Datasheet HTML 2Page - Linear Technology LTC3544EUD Datasheet HTML 3Page - Linear Technology LTC3544EUD Datasheet HTML 4Page - Linear Technology LTC3544EUD Datasheet HTML 5Page - Linear Technology LTC3544EUD Datasheet HTML 6Page - Linear Technology LTC3544EUD Datasheet HTML 7Page - Linear Technology LTC3544EUD Datasheet HTML 8Page - Linear Technology LTC3544EUD Datasheet HTML 9Page - Linear Technology LTC3544EUD Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3544
6
3544fa
VOUT100
1mV/DIV
VOUT200A
1mV/DIV
VOUT200B
1mV/DIV
VOUT300
50mV/DIV
40
μs/DIV
VIN = 3.6V
TA = 25°C
300mA LOAD STEP ON VOUT300
OTHER CHANNELS LOADED 50% OF MAXIMUM
3544 G17
TYPICAL PERFORMANCE CHARACTERISTICS
Load Step Response
100mA Channel
Load Step Crosstalk
VOUT100
50mV/DIV
AC COUPLED
IL
100mA/DIV
ILOAD
100mA/DIV
20
μs/DIV
VIN = 3.6V
VOUT = 1.2V
TA = 25°C
ILOAD = 400μA TO 100mA
3544 G16
PFET RDS(ON) vs Temperature
NFET RDS(ON) vs Temperature
TEMPERATURE (
°C)
–50
0
0.1
0.3
0.4
0.5
1.0
0.7
–10
30
50
3544 G18
0.2
0.8
0.9
0.6
–30
10
70
90
VIN = 3.6V
300
200B
200A
100
TEMPERATURE (
°C)
–50
0
0.2
0.3
0.4
0.5
0.6
0.7
0
50
3544 G19
0.8
0.9
1.0
VIN = 3.6V
0.1
100
300
200B
200A
100
PFET RDS(ON) vs Supply Voltage
NFET RDS(ON) vs Supply Voltage
VIN (V)
2
0
0.2
0.4
0.6
0.8
34
5
6
3544 G16
1.0
1.2
2.5
3.5
4.5
5.5
300
200B
200A
100
TA = 25°C
VIN (V)
2
0
0.1
0.3
0.4
0.5
1.0
0.7
3
4
3544 G17
0.2
0.8
0.9
0.6
5
6
300
200B
200A
100
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com