Electronic Components Datasheet Search
  English  ▼

X  

LTC3544EUD Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3544EUD
Description  Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3544EUD Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3544EUD Datasheet HTML 4Page - Linear Technology LTC3544EUD Datasheet HTML 5Page - Linear Technology LTC3544EUD Datasheet HTML 6Page - Linear Technology LTC3544EUD Datasheet HTML 7Page - Linear Technology LTC3544EUD Datasheet HTML 8Page - Linear Technology LTC3544EUD Datasheet HTML 9Page - Linear Technology LTC3544EUD Datasheet HTML 10Page - Linear Technology LTC3544EUD Datasheet HTML 11Page - Linear Technology LTC3544EUD Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC3544
8
3544fa
FUNCTIONAL DIAGRAMS
IBIAS200A
SW200A
POWER
FETs
REG200A
REG100
VFB200A
5
2
IBIAS300
SW300
POWER
FETs
REG300
VFB300
8
10
SW100
VFB100
13
11
SW200B
VFB200B
4
1
7
6
PVIN
PGND
0.8V
REF
OSC
VCC
9
RUN300
16
RUN200B
12
RUN100
3
RUN200A
GNDA
SHDN
RUN
LOGIC
IBIAS100
POWER
FETs
REG200B
IBIAS200B
3544 FD01
POWER
FETs
15
14
–
+
–
+
EA
–
+
VSLEEP
ITH
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
S
R
Q
Q
RS
LATCH
BURST
ICOMP
IRCMP
ANTI
SHOOT-
THRU
SLOPE
COMP
SLEEP
0.8V VREF
OSC
OSC
SHUTDOWN
REGULATOR
SWx
10
Ω
3544 FD02
1
VFBx
4
PVIN
3
PGND
5
0.8V
BURST
CLAMP
SOFT-START



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com