Electronic Components Datasheet Search
  English  ▼

X  

LTC3550 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3550
Description  Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3550 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3550 Datasheet HTML 9Page - Linear Technology LTC3550 Datasheet HTML 10Page - Linear Technology LTC3550 Datasheet HTML 11Page - Linear Technology LTC3550 Datasheet HTML 12Page - Linear Technology LTC3550 Datasheet HTML 13Page - Linear Technology LTC3550 Datasheet HTML 14Page - Linear Technology LTC3550 Datasheet HTML 15Page - Linear Technology LTC3550 Datasheet HTML 16Page - Linear Technology LTC3550 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC3550
13
3550fa
OPERATIO
mode and the charge current begins to decrease. Once
the charge current drops below the programmed termina-
tion threshold (set by the external resistor RITERM), the
internal P-channel MOSFET is shut off and the charger
enters standby mode.
In standby mode, the charger sits idle and monitors the
battery voltage using a comparator with a 6ms filter time
(tRECHRG). A charge cycle automatically restarts when the
battery voltage falls below 4.1V (which corresponds to ap-
proximately 80% to 90% battery capacity). This ensures
that the battery is kept near a fully charged condition and
eliminates the need for periodic charge cycle initiations.
Figure 1 uses a state diagram to describe the behavior of
the LTC3550 battery charger.
600mA Step-Down Regulator
The LTC3550 regulator uses a constant frequency, current
mode step-down architecture. Both the top (P-channel
MOSFET) and bottom (N-channel MOSFET) switches are
internal. During normal operation, the internal top power
MOSFET is turned on each cycle when the oscillator sets
the RS latch, and is turned off when the current com-
parator, ICOMP, resets the RS latch. The peak inductor
current at which ICOMP resets the RS latch, is controlled
by the output of error amplifier EA. When the load current
increases, it causes a slight decrease in the output voltage
(VOUT), relative to the internal reference, which in turn
causes the EA amplifier’s output voltage to increase until
the average inductor current matches the new load cur-
rent. While the top MOSFET is off, the bottom MOSFET is
turned on until either the inductor current starts to reverse,
as indicated by the current reversal comparator IRCMP, or
the beginning of the next clock cycle.
Burst Mode® Operation
The LTC3550 buck regulator is capable of Burst Mode
operation in which the internal power MOSFETs operate
intermittently based on load current demand.
In Burst Mode operation, the peak current of the inductor is
set to approximately 200mA regardless of the output load.
Each burst event can last from a few cycles at light loads
to almost continuously cycling with short sleep intervals
at moderate loads. In between these burst events, the
power MOSFETs and any unneeded circuitry are turned
off, reducing the quiescent current to 20µA. In this sleep
state, the load current is being supplied solely from the
output capacitor. As the output voltage droops, the EA
amplifier’s output rises above the sleep threshold signaling
the BURST comparator to trip and turn the top MOSFET
on. This process repeats at a rate that is dependent on
the load demand.
Dropout Operation
As the input supply voltage decreases to a value approach-
ing the output voltage, the duty cycle increases toward the
maximum on-time. Further reduction of the supply voltage
forces the main switch to remain on for more than one cycle
until it reaches 100% duty cycle. The output voltage will
then be determined by the input voltage minus the voltage
drop across the P-channel MOSFET and the inductor.
An important detail to remember is that at low input supply
voltages, the RDS(ON) of the P-channel switch increases
(see Typical Performance Characteristics). Therefore,
the user should calculate the power dissipation when
the LTC3550 is used at 100% duty cycle with low input
voltage (See Thermal Considerations in the Applications
Information section).
Short-Circuit Protection
When the regulator output is shorted to ground, the fre-
quency of the oscillator is reduced to about 210kHz, one
seventh the nominal frequency. This frequency foldback
ensures that the inductor current has more time to decay,
thereby preventing runaway. The oscillator’s frequency
will progressively increase to 1.5MHz when VFB rises
above 0V.
Burst Mode is a registered trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com