Electronic Components Datasheet Search
  English  ▼

X  

LTC3550 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3550
Description  Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3550 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3550 Datasheet HTML 16Page - Linear Technology LTC3550 Datasheet HTML 17Page - Linear Technology LTC3550 Datasheet HTML 18Page - Linear Technology LTC3550 Datasheet HTML 19Page - Linear Technology LTC3550 Datasheet HTML 20Page - Linear Technology LTC3550 Datasheet HTML 21Page - Linear Technology LTC3550 Datasheet HTML 22Page - Linear Technology LTC3550 Datasheet HTML 23Page - Linear Technology LTC3550 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC3550
21
3550fa
APPLICATIO S I FOR ATIO
1. The power traces, consisting of the GND trace, the SW
trace and the VCC trace should be kept short, direct
and wide.
2. Does the VFB pin connect directly to the feedback resis-
tors? The resistive divider R1/R2 must be connected
between the (+) plate of COUT and ground.
3. Does the (+) plate of CIN connect to VCC as closely as
possible? This capacitor provides the AC current to the
internal power MOSFETs.
4. Keep the switching node, SW, away from the sensitive
VFB node.
5. Keep the (–) plates of CIN and COUT as close as
possible.
6. Solder the exposed pad on the backside of the package
to PC board ground for optimum thermal performance.
The thermal resistance of the package can be further
enhanced by increasing the area of the copper used for
PC board ground.
Design Example
As a design example, assume the LTC3550 is used in
a single lithium-ion battery-powered cellular phone
application. The battery is charged by either plugging
a wall adapter cable into the phone or putting the phone in
a USB cradle. The optimum charge current for this parti-
cular lithium-ion battery is determined to be 800mA. The
buck regulator output voltage needs to be 1.8V.
Starting with the charger, choosing RIDC to be 1.24k
programs the charger for 806mA. Choosing RIUSB to
be 2.1k programs the charger for 475mA when charging
from the USB cradle, ensuring that the charger never
exceeds the 500mA maximum current supplied by the
USB port. A good rule of thumb for ITERMINATE is one-
tenth the full charge current, so RITERM is picked to be
1.24k (ITERMINATE = 80mA).
Moving on to the step-down converter, VCC will be pow-
ered from the battery which can range from a maximum
of 4.2V down to about 2.7V. The load current requirement
Figure 7. DC-DC Converter Suggested Layout
VCC
VFB
VOUT
SW
RUN
L1
GND
VIA TO
VOUT
VIA TO
GND
CIN
R2
3550 F07
VIA TO VCC
R1
CF
COUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com