Electronic Components Datasheet Search
  English  ▼

X  

LTC3550 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3550
Description  Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3550 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3550 Datasheet HTML 14Page - Linear Technology LTC3550 Datasheet HTML 15Page - Linear Technology LTC3550 Datasheet HTML 16Page - Linear Technology LTC3550 Datasheet HTML 17Page - Linear Technology LTC3550 Datasheet HTML 18Page - Linear Technology LTC3550 Datasheet HTML 19Page - Linear Technology LTC3550 Datasheet HTML 20Page - Linear Technology LTC3550 Datasheet HTML 21Page - Linear Technology LTC3550 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC3550
18
3550fa
APPLICATIO S I FOR ATIO
switch gate charge currents. The gate charge current
results from switching the gate capacitance of the
internal power MOSFET switches. Each time the gate
is switched from high to low to high again, a packet of
charge, dQ, moves from VCC to ground. The resulting
dQ/dt is the current out of VCC that is typically larger
than the DC bias current. In continuous mode, IGATECHG
= f(QT + QB) where QT and QB are the gate charges of
the internal top and bottom switches. Both the DC bias
and gate charge losses are proportional to VCC and
thus their effects will be more pronounced at higher
supply voltages.
2. I2R losses are calculated from the resistances of the
internal switches, RSW, and external inductor RL. In
continuous mode, the average output current flowing
through inductor L is “chopped” between the main
switch and the synchronous switch. Thus, the series
resistance looking into the SW pin is a function of both
top and bottom MOSFET RDS(ON) and the duty cycle
(DC) as follows:
RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 – DC)
The RDS(ON) for both the top and bottom MOSFETs can
be obtained from the Typical Performance Characteristics
curves. Thus, to obtain I2R losses, simply add RSW to RL
and multiply the result by the square of the average output
current. Other losses including CIN and COUT ESR dissipa-
tive losses and inductor core losses generally account for
less than 2% total additional loss.
Thermal Considerations
The battery charger’s thermal regulation feature and the
buck regulator’s high efficiency make it unlikely that enough
power will be dissipated to exceed the LTC3550 maximum
junction temperature. Nevertheless, it is a good idea to
do some thermal analysis for worst-case conditions.
The junction temperature, TJ, is given by: TJ = TA + TRISE
where TA is the ambient temperature. The temperature
rise is given by:
TRISE = PD • θJA
where PD is the power dissipated and θJA is the thermal
resistance from the junction of the die to the ambient
temperature.
In most applications the buck regulator does not dissi-
pate much heat due to its high efficiency. The majority of
the LTC3550 power dissipation occurs when charging a
battery. Fortunately, the LTC3550 automatically reduces
the charge current during high power conditions using
a patented thermal regulation circuit. Thus, there is no
need to design for worst-case power dissipation scenarios
because the LTC3550 ensures that the battery charger
power dissipation never raises the junction temperature
above a preset value of 105°C. In the unlikely case that
the junction temperature is forced above 105°C (due to
abnormally high ambient temperatures or excessive buck
regulator power dissipation), the battery charge current will
be reduced to zero and thus dissipate no heat. As an added
measure of protection, even if the junction temperature
reaches approximately 150°C, the buck regulator’s power
switches will be turned off and the SW node will become
high impedance.
The conditions that cause the LTC3550 to reduce charge
current through thermal feedback can be approximated by
considering the power dissipated in the IC. The approxi-
mate ambient temperature at which the thermal feedback
begins to protect the IC is:
TA = 105°C – TRISE
TA = 105°C – (PD • θJA)
TA = 105°C – (PD(CHARGER) + PD(BUCK)) • θJA
(5)
Most of the charger’s power dissipation is generated from
the internal charger MOSFET. Thus, the power dissipation
is calculated to be:
PD(CHARGER) = (VIN – VBAT) • IBAT
(6)
VIN is the charger supply voltage (either DCIN or USBIN),
VBAT is the battery voltage and IBAT is the charge cur-
rent.
Example: An LTC3550 operating from a 5V wall adapter
(on the DCIN input) is programmed to supply 650mA
full-scale current to a discharged Li-Ion battery with a
voltage of 3V.
The charger power dissipation is calculated to be:
PD(CHARGER) = (5V – 3V) • 650mA = 1.3W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com