Electronic Components Datasheet Search
  English  ▼

X  

LTC3586 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC3586
Description  High Effi ciency USB Power Manager with Boost, Buck-Boost and Dual Bucks
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3586 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC3586 Datasheet HTML 28Page - Linear Technology LTC3586 Datasheet HTML 29Page - Linear Technology LTC3586 Datasheet HTML 30Page - Linear Technology LTC3586 Datasheet HTML 31Page - Linear Technology LTC3586 Datasheet HTML 32Page - Linear Technology LTC3586 Datasheet HTML 33Page - Linear Technology LTC3586 Datasheet HTML 34Page - Linear Technology LTC3586 Datasheet HTML 35Page - Linear Technology LTC3586 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
LTC3586/LTC3586-1
32
3586fa
APPLICATIONS INFORMATION
–
+
ERROR
AMP
0.8V
R1
R2
3586 F08
FB3
VC3
CP1
VOUT3
–
+
ERROR
AMP
0.8V
R1
R3
C3
RFB
3586 F09
FB3
VC3
C2
C1
R2
VOUT3
Figure 8. Error Amplifier with Type I Compensation
Figure 9. Error Amplifier with Type III Compensation
VIN4
LTC3586/
LTC3586-1
L
SW4
R1
COUT
CPL
R2
3586 F10
VOUT4
FB4
Figure 10. Boost Converter Application Circuit
Boost Regulator Output Voltage Programming
The boost regulator can be programmed for output volt-
ages up to 5V. The output voltage is programmed using a
resistor divider from the VOUT4 pin connected to the FB4
pin such that:
VV
R
R
OUT
FB
44
1
2
1
=+
⎛
⎝
⎜
⎞
⎠
⎟
where VFB4 is 0.8V. See Figure 10.
Typical values for R1 are in the range of 40k to 1M. Too
small a resistor will result in a large quiescent current
in the feedback network and may hurt efficiency at low
current. Too large a resistor coupled with the FB4 pin ca-
pacitance will create an additional pole which may result
in loop instability. If large values are chosen for R1 and
R2, a phase-lead capacitor, CPL, across resistor R1 can
improve the transient response. Recommended values
for CPL are in the range of 2pF to 10pF.
Printed Circuit Board Layout Considerations
In order to be able to deliver maximum current under all
conditions, it is critical that the Exposed Pad on the backside
of the LTC3586/LTC3586-1 packages be soldered to the PC
board ground. Failure to make thermal contact between
the Exposed Pad on the backside of the package and the
copper board will result in higher thermal resistances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com