Electronic Components Datasheet Search
  English  ▼

X  

LTC3586 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3586
Description  High Effi ciency USB Power Manager with Boost, Buck-Boost and Dual Bucks
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3586 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3586 Datasheet HTML 2Page - Linear Technology LTC3586 Datasheet HTML 3Page - Linear Technology LTC3586 Datasheet HTML 4Page - Linear Technology LTC3586 Datasheet HTML 5Page - Linear Technology LTC3586 Datasheet HTML 6Page - Linear Technology LTC3586 Datasheet HTML 7Page - Linear Technology LTC3586 Datasheet HTML 8Page - Linear Technology LTC3586 Datasheet HTML 9Page - Linear Technology LTC3586 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LTC3586/LTC3586-1
6
3586fa
Ideal Diode V-I Characteristics
Ideal Diode Resistance
vs Battery Voltage
Output Voltage vs Output Current
(Battery Charger Disabled)
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBUS = 5V, BAT = 3.8V, VIN1 = VIN2 = VIN3 = VIN4 = VOUT3 = 3.8V,
VOUT4 = 5V, RPROG = 1k, RCLPROG = 3.01k, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RDS(ON)P4
PMOS RDS(ON)
Synchronous Switch
0.25
Ω
RDS(ON)N4
NMOS RDS(ON)
Main Switch
0.17
Ω
ILEAK(P)4
PMOS Switch Leakage
Synchronous Switch
–1
1
μA
ILEAK(N)4
NMOS Switch Leakage
Main Switch
–1
1
μA
RVOUT4
VOUT4 Pull-Down in Shutdown
10
kΩ
DBOOST(MAX)
Maximum Boost Duty Cycle
91
94
%
tSS4
Soft-Start Time
0.375
ms
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3586E/LTC3586E-1 are guaranteed to meet performance
specifications from 0°C to 85°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: The LTC3586E/LTC3586E-1 include overtemperature protection
that is intended to protect the device during momentary overload
conditions. Junction temperature will exceed 125°C when overtemperature
protection is active. Continuous operation above the specified maximum
operating junction temperature may impair device reliability.
Note 4: Total input current is the sum of quiescent current, IVBUSQ, and
measured current given by:
VCLPROG/RCLPROG • (hCLPROG +1)
Note 5: The current limit features of this part are intended to protect the
IC from short term or intermittent fault conditions. Continuous operation
above the maximum specified pin current rating may result in device
degradation or failure.
Note 6: hC/10 is expressed as a fraction of measured full charge current
with indicated PROG resistor.
Note 7: FBx above regulation such that regulator is in sleep. Specification
does not include resistive divider current reflected back to VINX.
Note 8: Guaranteed by design.
FORWARD VOLTAGE (V)
0
0.6
0.8
1.0
0.16
3586 G01
0.4
0.2
0
0.04
0.08
0.12
0.20
INTERNAL IDEAL DIODE
WITH SUPPLEMENTAL
EXTERNAL VISHAY
Si2333 PMOS
INTERNAL IDEAL
DIODE ONLY
VBUS = 0V
VBUS = 5V
BATTERY VOLTAGE (V)
2.7
0.15
0.20
0.25
3.9
3586 G02
0.10
0.05
0
3.0
3.3
3.6
4.2
INTERNAL IDEAL DIODE
WITH SUPPLEMENTAL
EXTERNAL VISHAY
Si2333 PMOS
INTERNAL IDEAL DIODE
OUTPUT CURRENT (mA)
0
4.00
4.25
4.50
800
3586 G03
3.75
3.50
3.25
200
400
600
1000
BAT = 4V
BAT = 3.4V
VBUS = 5V
5x MODE
TYPICAL PERFORMANCE CHARACTERISTIC (T
A = 25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com