Electronic Components Datasheet Search
  English  ▼

X  

LTC3586 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3586
Description  High Effi ciency USB Power Manager with Boost, Buck-Boost and Dual Bucks
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3586 Datasheet(HTML) 4 Page - Linear Technology

  LTC3586 Datasheet HTML 1Page - Linear Technology LTC3586 Datasheet HTML 2Page - Linear Technology LTC3586 Datasheet HTML 3Page - Linear Technology LTC3586 Datasheet HTML 4Page - Linear Technology LTC3586 Datasheet HTML 5Page - Linear Technology LTC3586 Datasheet HTML 6Page - Linear Technology LTC3586 Datasheet HTML 7Page - Linear Technology LTC3586 Datasheet HTML 8Page - Linear Technology LTC3586 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTC3586/LTC3586-1
4
3586fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBUS = 5V, BAT = 3.8V, VIN1 = VIN2 = VIN3 = VIN4 = VOUT3 = 3.8V,
VOUT4 = 5V, RPROG = 1k, RCLPROG = 3.01k, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RON_CHG
Battery Charger Power FET
On-Resistance (Between VOUT and BAT)
0.18
Ω
TLIM
Junction Temperature in Constant
Temperature Mode
110
°C
NTC
VCOLD
Cold Temperature Fault Threshold
Voltage
Rising Threshold
Hysteresis
75.0
76.5
1.5
78.0
%VBUS
%VBUS
VHOT
Hot Temperature Fault Threshold
Voltage
Falling Threshold
Hystersis
33.4
34.9
1.5
36.4
%VBUS
%VBUS
VDIS
NTC Disable Threshold Voltage
Falling Threshold
Hysteresis
0.7
1.7
50
2.7
%VBUS
mV
INTC
NTC Leakage Current
VNTC = VBUS = 5V
–50
50
nA
Ideal Diode
VFWD
Forward Voltage
VBUS = 0V, IVOUT = 10mA
IVOUT = 10mA
2
15
mV
mV
RDROPOUT
Internal Diode On-Resistance, Dropout
VBUS = 0V
0.18
Ω
IMAX_DIODE
Internal Diode Current Limit
1.6
A
Always On 3.3V Supply
VLDO3V3
Regulated Output Voltage
0mA < ILDO3V3 < 20mA
3.1
3.3
3.5
V
RCL_LDO3V3
Closed-Loop Output Resistance
4
Ω
ROL_LDO3V3
Dropout Output Resistance
23
Ω
Logic Input (EN1, EN2, EN3, EN4, MODE, ILIM0, ILIM1, FAULT)
VIL
Logic Low Input Voltage
0.4
V
VIH
Logic High Input Voltage
1.2
V
IPD
Pull-Down Current
1μA
FAULT Output
VFAULT
FAULT Pin Output Low Voltage
IFAULT = 5mA
65
100
mV
FAULT Delay
14
ms
FBx Voltage Threshold
for FAULT (x = 1, 2, 3, 4)
0.736
V
Switching Regulators 1, 2, 3 and 4
VIN1,2,3,4
Input Supply Voltage
2.7
5.5
V
VOUTUVLO
VOUT UVLO—VOUT Falling
VOUT UVLO—VOUT Rising
VIN1,2,3,4 Connected to VOUT Through
Low Impedance. Switching Regulators
are Disabled in UVLO
2.5
2.6
2.8
2.9
V
V
fOSC
Oscillator Frequency
1.8
2.25
2.7
MHz
IFB1,2,3,4
FBx Input Current
VFB1,2,3,4 = 0.85V
–50
50
nA
VFB1,2,3,4
VFBx Servo Voltage
l
0.78
0.80
0.82
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com