Electronic Components Datasheet Search
  English  ▼

X  

LTC3609 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3609
Description  32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3609 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3609 Datasheet HTML 10Page - Linear Technology LTC3609 Datasheet HTML 11Page - Linear Technology LTC3609 Datasheet HTML 12Page - Linear Technology LTC3609 Datasheet HTML 13Page - Linear Technology LTC3609 Datasheet HTML 14Page - Linear Technology LTC3609 Datasheet HTML 15Page - Linear Technology LTC3609 Datasheet HTML 16Page - Linear Technology LTC3609 Datasheet HTML 17Page - Linear Technology LTC3609 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC3609
14
3609f
APPLICATIONS INFORMATION
Since ΔIL increases with input voltage, the output ripple
is highest at maximum input voltage. Typically, once the
ESR requirement is satisfied, the capacitance is adequate
for filtering and has the necessary RMS current rating.
Multiple capacitors placed in parallel may be needed to
meet the ESR and RMS current handling requirements.
Dry tantalum, special polymer, aluminum electrolytic and
ceramic capacitors are all available in surface mount pack-
ages. Special polymer capacitors offer very low ESR but
have lower capacitance density than other types. Tantalum
capacitors have the highest capacitance density but it is
important to only use types that have been surge tested
for use in switching power supplies. Aluminum electrolytic
capacitors have significantly higher ESR, but can be used
in cost-sensitive applications providing that consideration
is given to ripple current ratings and long term reliability.
Ceramic capacitors have excellent low ESR characteris-
tics but can have a high voltage coefficient and audible
piezoelectric effects. The high Q of ceramic capacitors with
trace inductance can also lead to significant ringing. When
used as input capacitors, care must be taken to ensure
that ringing from inrush currents and switching does not
pose an overvoltage hazard to the power switches and
controller. To dampen input voltage transients, add a small
5μF to 50μF aluminum electrolytic capacitor with an ESR in
the range of 0.5Ω to 2Ω. High performance through-hole
capacitors may also be used, but an additional ceramic
capacitor in parallel is recommended to reduce the effect
of their lead inductance.
Top MOSFET Driver Supply (CB, DB)
An external bootstrap capacitor CBconnectedtotheBOOST
pin supplies the gate drive voltage for the topside MOSFET.
This capacitor is charged through diode DB from INTVCC
when the switch node is low. When the top MOSFET turns
on, the switch node rises to VIN and the BOOST pin rises
to approximately VIN + INTVCC. The boost capacitor needs
to store about 100 times the gate charge required by the
top MOSFET. In most applications an 0.1μF to 0.47μF, X5R
or X7R dielectric capacitor is adequate.
Discontinuous Mode Operation and FCB Pin
The FCB pin determines whether the bottom MOSFET
remains on when current reverses in the inductor. Tying
this pin above its 0.6V threshold enables discontinuous
operation where the bottom MOSFET turns off when in-
ductor current reverses. The load current at which current
reverses and discontinuous operation begins depends on
the amplitude of the inductor ripple current and will vary
with changes in VIN. Tying the FCB pin below the 0.6V
threshold forces continuous synchronous operation, al-
lowing current to reverse at light loads and maintaining
high frequency operation.
In addition to providing a logic input to force continuous
operation, the FCB pin provides a means to maintain a
flyback winding output when the primary is operating
in discontinuous mode. The secondary output VOUT2 is
normally set as shown in Figure 4 by the turns ratio N
of the transformer. However, if the controller goes into
discontinuous mode and halts switching due to a light
primary load current, then VOUT2 will droop. An external
resistor divider from VOUT2 to the FCB pin sets a minimum
voltage VOUT2(MIN) below which continuous operation is
forced until VOUT2 has risen above its minimum:
VV
R
R
OUT MIN
2
06
1
4
3
()
.
=+
⎛
⎝⎜
⎞
⎠⎟
Fault Conditions: Current Limit and Foldback
The LTC3609 has a current mode controller which inher-
ently limits the cycle-by-cycle inductor current not only
in steady state operation but also in transient. To further
limit current in the event of a short circuit to ground, the
LTC3609 includes foldback current limiting. If the output
falls by more than 25%, then the maximum sense voltage is
progressively lowered to about one sixth of its full value.
INTVCC Regulator and EXTVCC Connection
An internal P-channel low dropout regulator produces the
5V supply that powers the drivers and internal circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com