Electronic Components Datasheet Search
  English  ▼

X  

LTC3609 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3609
Description  32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3609 Datasheet(HTML) 2 Page - Linear Technology

  LTC3609 Datasheet HTML 1Page - Linear Technology LTC3609 Datasheet HTML 2Page - Linear Technology LTC3609 Datasheet HTML 3Page - Linear Technology LTC3609 Datasheet HTML 4Page - Linear Technology LTC3609 Datasheet HTML 5Page - Linear Technology LTC3609 Datasheet HTML 6Page - Linear Technology LTC3609 Datasheet HTML 7Page - Linear Technology LTC3609 Datasheet HTML 8Page - Linear Technology LTC3609 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC3609
2
3609f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (SVIN, PVIN, ION)....... 36V to –0.3V
Boosted Topside Driver Supply Voltage
(BOOST) ................................................ 42V to –0.3V
SW Voltage ............................................... 36V to –5V
INTVCC, EXTVCC, (BOOST – SW), RUN/SS,
PGOOD Voltages...................................... 7V to –0.3V
FCB, VON, VRNG Voltages............ INTVCC + 0.3V to –0.3V
ITH, VFB Voltages....................................... 2.7V to –0.3V
Operating Junction Temperature Range
(Notes 2, 4)........................................ –40°C to 125°C
Storage Temperature Range................... –55°C to 125°C
(Note 1)
TOP VIEW
WKG PACKAGE
52-LEAD (7mm
8mm) QFN MULTIPAD
PVIN 1
PVIN 2
PVIN 3
PVIN 4
PVIN 5
PVIN 6
PVIN 7
SW 8
NC 9
SGND 10
BOOST 11
RUN/SS 12
VON 13
SGND 14
40 PGND
39 PGND
38 PGND
37 PGND
36 PGND
35 PGND
34 PGND
33 SW
32 INTVCC
31 INTVCC
30 SVIN
29 EXTVCC
28 NC
27 SGND
53
PVIN
55
SW
54
SGND
TJMAX = 125°C, θJA = 29°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3609EWKG#PBF
LTC3609EWKG#TRPBF
LTC3609WKG
52-Lead (7mm
× 8mm) Plastic QFN
–40°C to 125°C
LTC3609IWKG#PBF
LTC3609IWKG#TRPBF
LTC3609WKG
52-Lead (7mm
× 8mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com