Electronic Components Datasheet Search
  English  ▼

X  

LTC3499B Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3499B
Description  750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3499B Datasheet(HTML) 1 Page - Linear Technology

  LTC3499B Datasheet HTML 1Page - Linear Technology LTC3499B Datasheet HTML 2Page - Linear Technology LTC3499B Datasheet HTML 3Page - Linear Technology LTC3499B Datasheet HTML 4Page - Linear Technology LTC3499B Datasheet HTML 5Page - Linear Technology LTC3499B Datasheet HTML 6Page - Linear Technology LTC3499B Datasheet HTML 7Page - Linear Technology LTC3499B Datasheet HTML 8Page - Linear Technology LTC3499B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3499/LTC3499B
1
3499f
4.7
µH
3499 TA01
LTC3499
SW
FB
GND
VIN
VOUT
SHDN
VC
SS
OFF
ON
10
µF
VOUT
5V
175mA
VIN
1.8V TO 3.2V
1M
324k
0.01
µF
330pF
100k
2.2
µF
+
The LTC
®3499/LTC3499B are synchronous, fixed fre-
quency step-up DC/DC power converters with integrated
reverse battery protection that protect and disconnect the
devices and load when the battery polarity is reversed while
delivering high efficiency in a small (3mm
× 3mm) DFN
package. True output disconnect eliminates inrush current
and allows zero load current in shutdown.
The devices feature an input voltage range of 1.8V to 5.5V
enabling operation from two alkaline or NiMH batteries.
The switching frequency is internally set at 1.2MHz allow-
ing the use of tiny surface mount inductors and capacitors.
A minimal number of external components are required to
generate output voltages ranging from 2V to 6V. The
LTC3499 features automatic Burst Mode operation to
increase efficiency at light loads, while the LTC3499B
features continuous switching at light loads.
The soft-start time is externally programmable through a
small capacitor. Anti-ring circuitry reduces EMI emissions
by damping the inductor in discontinuous mode. The
devices feature <1
µA shutdown supply current, integrated
overvoltage protection and are available in both 8-pin
(3mm
× 3mm) DFN and 8-pin MSOP packages.
■ Medical Equipment
■ Digital Cameras
■ MP3 Players
■ Handheld Instruments
APPLICATIO S
TYPICAL APPLICATIO
DESCRIPTIO
750mA Synchronous
Step-Up DC/DC Converters
with Reverse-Battery Protection
Two AA Cells to 5V Synchronous Boost Converter
Battery Current vs VIN
FEATURES
■ Reverse-Battery Protection for DC/DC Converter
and Load
■ High Efficiency: Up to 94%
■ Generates 5V at 175mA from a 1.8V Input
■ Operates from 1.8V to 5.5V Input Supply
■ 2V to 6V Adjustable Output Voltage
■ Inrush Current Controlled During Start-Up
■ Output Disconnnect in Shutdown
■ Low Noise 1.2MHz PWM Operation
■ Tiny External Components
■ Automatic Burst Mode
® Operation (LTC3499)
■ Continuous Switching at Light Loads (LTC3499B)
■ Overvoltage Protection
■ 8-Lead (3mm
× 3mm × 0.75mm) DFN
and MSOP Packages
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
VIN AND SW VOLTAGE (V)
–6
–1.0
0
–2
2
–4
0
4
3499 TA01b
6
–0.5
1.0
0.5
SHDN = 0V
VOUT = 0V


Similar Part No. - LTC3499B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3499B LINER-LTC3499B Datasheet
251Kb / 16P
750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
LTC3499B LINER-LTC3499B_15 Datasheet
251Kb / 16P
750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
More results

Similar Description - LTC3499B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1832 MAXIM-MAX1832 Datasheet
511Kb / 12P
High-Efficiency Step-Up Converters with Reverse Battery Protection
19-1802; Rev 1; 10/03
logo
Linear Technology
LTC3499 LINER-LTC3499_15 Datasheet
251Kb / 16P
750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
LTC3499B LINER-LTC3499B_15 Datasheet
251Kb / 16P
750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
LTC3526 LINER-LTC3526_15 Datasheet
336Kb / 16P
500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526-2 LINER-LTC3526-2_15 Datasheet
346Kb / 16P
500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526B LINER-LTC3526B_15 Datasheet
336Kb / 16P
500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526L-2 LINER-LTC3526L-2_15 Datasheet
343Kb / 16P
550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526LB-2 LINER-LTC3526LB-2_15 Datasheet
343Kb / 16P
550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3528B LINER-LTC3528B_15 Datasheet
337Kb / 18P
1A, 1MHz Synchronous Step-Up DC/DC Converters
logo
Maxim Integrated Produc...
MAX1832 MAXIM-MAX1832_V01 Datasheet
1Mb / 14P
High-Efficiency Step-Up Converters with Reverse Battery Protection
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com