Electronic Components Datasheet Search
  English  ▼

X  

LTC3499B Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3499B
Description  750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3499B Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3499B Datasheet HTML 7Page - Linear Technology LTC3499B Datasheet HTML 8Page - Linear Technology LTC3499B Datasheet HTML 9Page - Linear Technology LTC3499B Datasheet HTML 10Page - Linear Technology LTC3499B Datasheet HTML 11Page - Linear Technology LTC3499B Datasheet HTML 12Page - Linear Technology LTC3499B Datasheet HTML 13Page - Linear Technology LTC3499B Datasheet HTML 14Page - Linear Technology LTC3499B Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC3499/LTC3499B
11
3499f
Low ESR capacitors should be used to minimize output
voltage ripple. A 4.7
µF to 10µF output capacitor is suffi-
cient for most applications and should be placed as close
to VOUT as possible. Larger values may be used to obtain
even lower output ripple and improve transient response.
X5R and X7R dielectric materials are preferred for their
ability to maintain capacitance over wide voltage and
temperature ranges.
Input Capacitor Selection
The input filter capacitor reduces peak currents drawn
from the input source and reduces input switching noise.
Ceramic capacitors are a good choice for input decoupling
due to their low ESR and ability to withstand reverse
voltage (i.e. non-polar nature). The capacitor should be
located as close as possible to the device. In most appli-
cations a 2.2
µF input capacitor is sufficient. Larger values
may be used without limitations. Table 2 shows a list of
several ceramic capacitor manufacturers.
Table 2. Capacitor Vendor Information
SUPPLIER
WEB SITE
AVX
www.avxcorp.com
Murata
www.murata.com
TDK
www.component.tdk.com
Taiyo Yuden
www.t-yuden.com
Thermal Considerations
For the LTC3499/LTC3499B to deliver full output power, it
is imperative that a good thermal path be provided to
dissipate the heat generated within the package. For the
DFN package, this can be accomplished by taking advan-
tage of the large thermal pad on the underside of the
device. It is recommended that multiple vias in the printed
circuit board be used to conduct heat away from the part
and into a copper plane with as much area as possible. If
the junction temperature continues to rise, the part will go
into thermal shutdown where switching will stop until the
temperature drops.
Closing the Feedback Loop
The LTC3499/LTC3499B utilize current mode control,
with internal slope compensation. Current mode control
eliminates the 2nd order filter due to the inductor and
output capacitor exhibited in voltage mode controllers,
thus simplifying it to a single pole filter response. The
product of the modulator control to output DC gain and the
error amp open loop gain gives the DC gain of the system:
GG
G
V
VG
G
V
I
GG
R
DC
CONTROL
EA
REF
OUT
CURRENT SENSE
CONTROL
IN
OUT
EA
CURRENT SENSE
DS ON
=
=
=
()
••
•
•,
~,
_
_
2
1000
1
The output filter pole is given by:
f
I
VC
FILTER POLE
OUT
OUT
OUT
_
••
=
π
()
where COUT is the output filter capacitor.
The output filter zero is given by:
f
RC
FILTER ZERO
ESR
OUT
_
••
•
=
π
()
1
2
where RESR is the capacitor equivalent series resistance.
A troublesome feature of the boost regulator topology is
the right half plane (RHP) zero, given by:
f
V
IV
L
RPHZ
IN
OUT
OUT
=
π
()
2
2•
•
•
•
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com