Electronic Components Datasheet Search
  English  ▼

X  

LTC3499B Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3499B
Description  750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3499B Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3499B Datasheet HTML 8Page - Linear Technology LTC3499B Datasheet HTML 9Page - Linear Technology LTC3499B Datasheet HTML 10Page - Linear Technology LTC3499B Datasheet HTML 11Page - Linear Technology LTC3499B Datasheet HTML 12Page - Linear Technology LTC3499B Datasheet HTML 13Page - Linear Technology LTC3499B Datasheet HTML 14Page - Linear Technology LTC3499B Datasheet HTML 15Page - Linear Technology LTC3499B Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3499/LTC3499B
13
3499f
L
4.7
µH
3499 F04a
LTC3499
SW
FB
GND
VIN
VOUT
SHDN
VC
SS
OFF
ON
COUT
10
µF
X5R
VOUT
5V
350mA
CIN: TAIYO YUDEN X5R JMK212BJ225MD
COUT: TAIYO YUDEN X5R JMK212BJ106MD
L: COILCRAFT MSS5131-472MLB
VIN
Li-Ion
3.1V TO 4.2V
1M
324k
0.01
µF
330pF
100k
CIN
2.2
µF
X5R
+
TYPICAL APPLICATIO S
Lithium-Ion to 5V, 350mA
Lithium-Ion to 5V Efficiency
Two Cells to 5V, 175mA
Two Cells to 5V Efficiency
L
4.7
µH
3499 F05a
LTC3499
SW
FB
GND
VIN
VOUT
SHDN
VC
SS
OFF
ON
COUT
10
µF
X5R
VOUT
5V
175mA
VIN
2 AA CELLS
1.8V TO 3.2V
1M
324k
0.01
µF
330pF
100k
CIN
2.2
µF
X5R
+
CIN: TAIYO YUDEN X5R JMK212BJ225MD
COUT: TAIYO YUDEN X5R JMK212BJ106MD
L: COILCRAFT MSS5131-472MLB
LOAD CURRENT (mA)
0.1
70
80
100
100
3499 G03
60
50
1
10
1000
40
30
90
100
1000
100000
10
1
0.1
10000
VIN = 4.2V
VIN = 3.6V
VIN = 3V
POWER LOSS
EFFICIENCY
LOAD CURRENT (mA)
0.1
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
100000
1
10
100
1000
3499 G01
VIN = 3.2V
VIN = 2.4V
VIN = 1.8V
POWER LOSS
EFFICIENCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com