Electronic Components Datasheet Search
  English  ▼

X  

RCR60C Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # RCR60C
Description  Fixed Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RCR60C Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  RCR60C Datasheet HTML 1Page - KOA Speer Electronics, Inc. RCR60C Datasheet HTML 2Page - KOA Speer Electronics, Inc. RCR60C Datasheet HTML 3Page - KOA Speer Electronics, Inc. RCR60C Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Bolivar Drive ■ P.O. Box 547 ■ Bradford, PA 16701 ■ USA ■ 814-362-5536 ■ Fax 814-362-8883 ■ www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 2 OF 4
SS-01 R5
5. Derating Curve
Resistors shall be coded with color bands in accordance with
JIS C 0802. The first and the second color bands shall show 2
effective numbers, the third band shall show a multiplier of 10,
the fourth band shall show resistance tolerance, and the fifth
band “green” shall show UL1676 approval (on RCR50 values
from 1MΩ to 12MΩ).
6. Markings on Resistor
KOA SPEER ELECTRONICS, INC.
4. Standard Applications
100
80
60
40
20
-60
-40
0
40
60
80
100
160
70
20
Ambient Temperature
(
°C)
0
-55
120
155
-20
140
Notice of Surge Load
Surge withstanding load voltage for the resistors cannot be guarantee
when the undermentioned 4 items get to a remarkable overload in
comparison with the conditions shown by surge withstanding voltage
in Anti-surge characteristics. Please contact KOA in advance if such
a case is anticipated.
1. Peck voltage to be applied
2. Pulse width
3. Conditions of protecting insulation around the resistor
4. Situation of proximity conductivity object
For example: In the figure, a metal wire is placed less than 5mm away
from the resistor body, there is such a case that causes an electric
discharge by a surge load 10kV and then destroys the outer coating.
Discharge
10kV
About 5mm
Metal Wire
Absolute
Maximum
Working
Voltage
Resistance
Range
E-96
(F±1%)
Resistance
Range
E-24
(J±5%)
Part
Designation
Operating
Temperature
Range
Power
Rating
@ 70°C
Minimum
Dielectric
Withstanding
Voltage
RCR16
RCR25
RCR60
RCR50+
RCR50
0.25W
0.5W
1.0W
300V
700V
1000V
—
1000V
500V
DC 1600V
AC 1150V
DC 2000V
AC 1500V
100kΩ - 1MΩ
100kΩ - 5.1MΩ
100kΩ - 33MΩ
3.3Ω - 910kΩ
13MΩ - 33MΩ
2000V
4000V
2.0W
5000V
5000V
2500V
1MΩ - 12MΩ
100kΩ - 56MΩ
RCR100
RCR75
3.0W
100kΩ - 100MΩ
470kΩ - 33MΩ
Absolute
Maximum
Overload
Voltage
-55°C to +155°C
SS-01 R5 RCR
6/21/07
9:37 AM
Page 2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com