Electronic Components Datasheet Search
  English  ▼

X  

RCR60C Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # RCR60C
Description  Fixed Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RCR60C Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  RCR60C Datasheet HTML 1Page - KOA Speer Electronics, Inc. RCR60C Datasheet HTML 2Page - KOA Speer Electronics, Inc. RCR60C Datasheet HTML 3Page - KOA Speer Electronics, Inc. RCR60C Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SS-01 R5
Bolivar Drive ■ P.O. Box 547 ■ Bradford, PA 16701 ■ USA ■ 814-362-5536 ■ Fax 814-362-8883 ■ www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 3 OF 4
7. Performance Characteristics
KOA SPEER ELECTRONICS, INC.
Resistance
Measuring points are 10mm ± 1mm from the end cap
Within regulated tolerance
—
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second or 350°C ± 10°C,
3.5 seconds ± 0.5 seconds
1
0.5
Terminal Strength
Twist 360°, 5 times
No mechanical damage
—
Rapid Change of Temperature
-55°C (30 minutes)/+155°C (30 minutes), 5 cycles
1
0.5
Endurance @ 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
5
2.5
Surge Withstanding
10
2.5
Moisture Resistance
40°C ± 2°C, 90-95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
5
2.5
EN60065 Test (RCR60 only)
Discharge test: 10kV, 1000pF capacitor discharge pulse,
50 times (1 pulse/5 seconds maximum)
20
—
Resistance to Solvent
Isopropyl alcohol with ultrasonic washing, 2 minutes
Power: 0.3W/cm2, f: 28kHz, Temperature: 35°C ± 5°C
Discharge test: 2kV - 10kV, 0.01µF capacitor discharge
pulse, 10 times (1 pulse/5 seconds maximum)
No visible damage to protective coating
and marking
—
Overload
Rated voltage x 2.5 or maximum overload voltage
for 5 seconds, whichever is less
1
0.5
T.C.R.
Room temperature/100°C up
—
Parameter
Requirement Δ R ±(% + 0.05Ω)
Limit
Typical
Test Method
100kΩ - 5.1MΩ
Resistance Range
T.C.R.
±200ppm/°C
100kΩ - 33MΩ
±350ppm/°C
3.3Ω - 91kΩ
±500ppm/°C
100kΩ - 33MΩ
±350ppm/°C
100kΩ - 56MΩ
±350ppm/°C
RCR50 (+)
RCR60
RCR75
RCR16
RCR25
Type
100kΩ - 100MΩ
±350ppm/°C
470kΩ - 33MΩ
±350ppm/°C
RCR100
RCR60,
RCR75,
RCR100
10kV
RCR25
3kV
RCR16
Type
Applied
Voltage
2kV
RCR50, RCR50+
3.3Ω - 6.2Ω: 10kV
6.8Ω - 10Ω: 7kV
11Ω - 9.1kΩ: 5kV
10kΩ - 91kΩ: 7kV
100kΩ - 33MΩ: 10kV
SS-01 R5 RCR
6/21/07
9:37 AM
Page 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com