Electronic Components Datasheet Search
  English  ▼

X  

RCR60C Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # RCR60C
Description  Fixed Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RCR60C Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  RCR60C Datasheet HTML 1Page - KOA Speer Electronics, Inc. RCR60C Datasheet HTML 2Page - KOA Speer Electronics, Inc. RCR60C Datasheet HTML 3Page - KOA Speer Electronics, Inc. RCR60C Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Bolivar Drive ■ P.O. Box 547 ■ Bradford, PA 16701 ■ USA ■ 814-362-5536 ■ Fax 814-362-8883 ■ www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 1 OF 4
Fixed Resistors
Type RCR16, RCR25, RCR50(+), RCR60,
RCR75 and RCR100
1. Scope of Application
This specification applies to RCR16, RCR25,
RCR50(+), RCR60, RCR75 and RCR100 type
coat-insulated fixed surge resistant resistors
produced by KOA corporation.
2. Dimensions and Construction
Values from 1MΩ to 12MΩ are approved to
UL 1676, RCR50+ and RCR60 only (discharge
path resistor spec, File No. E159326).
SS-01 R5
AHA 6/20/07
KOA SPEER ELECTRONICS, INC.
CERTIFIED
CERTIFIED
Ceramic Core
d
D
Marking
Resistive
Film
Flame Retardant Coating
Trimming Line
End
Cap
Lead
Wire
L
l
t
t
C
3. Type Designation
The type designation shall be in the following form:
Nominal
Resistance
Packaging
2 significant figures
+ 1 multiplier for ±5%
3 significant figures
+ 1 multiplier for ±1%
A: Ammo
R: Reel
105
A
Tolerance
J
Taping and
Forming
RCR16: T26, T52
RCR25: T26, T52
RCR50(+): T52
RCR60: T52
RCR75: T52
RCR100: T521,
T631
T52
Termination
Material
C: SnCu
(Other termination
styles available,
contact factory
for options)
C
RCR
Type
Power
Rating
16: 0.25W
25: 0.25W
50: 0.5W
60: 1W
NEW 75: 2W
NEW 100: 3W
50
RCR
RCR50+
F: ±1%
J: ±5%
L
C (max.)
RCR16
.126±.008
(3.2±0.2)
.134
(3.4)
.28
(7.1)
.018
(0.45)
—
—
.098±.02
(2.5±0.5)
.024
(0.6)
.787 Min.
(20.0 Min.)
.028
(0.7)
.138±.016
(3.5±0.4)
.118
(3.0)
—
.248±.02
(6.3±0.5)
.374±.039
(9.5±1.0)
RCR25
RCR50
RCR50+
RCR60
Type
t (max.)
D
d (nom.)
l
Dimensions inches
(mm)
—
.118
(3.0)
.157±.02
(4.0±0.5)
.031
(0.8)
.472±.039
(12±1.0)
RCR75
.067 +.008
-.004
(1.7 +0.2)
-0.1
RCR100
.610±.039
(15.5±1.0)
—
.031
(0.8)
.118
(3.0)
.236 +.039
-.016
(6.0 +1.0)
-0.4
.374 +.039
-.004
(9.5 +1.0)
-0.2
SS-01 R5 RCR
6/21/07
9:37 AM
Page 1


Similar Part No. - RCR60C

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RCR60C KOA-RCR60C Datasheet
96Kb / 2P
anti-surge power type leaded resistor
More results

Similar Description - RCR60C

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
RS1112W2K7JT SHARMA-RS1112W2K7JT Datasheet
496Kb / 6P
THE FIXED CARBON COMPOSITION RESISTORS
logo
ABCO ELECTRONICS CO.LTD
FR14W ABCO-FR14W Datasheet
570Kb / 1P
FIXED FUSIBLE RESISTORS
CR18W ABCO-CR18W Datasheet
604Kb / 1P
FIXED CARBON FILM RESISTORS
MR18W ABCO-MR18W Datasheet
564Kb / 1P
FIXED METAL FILM RESISTORS
MORS1W ABCO-MORS1W Datasheet
550Kb / 1P
FIXED METAL OXIDE FILM RESISTORS
logo
KOA Speer Electronics, ...
PCF1C KOA-PCF1C Datasheet
93Kb / 6P
Fixed Ceramic Composition Resistors
logo
Rohm
MCR03EZHJ4R7 ROHM-MCR03EZHJ4R7 Datasheet
169Kb / 13P
FIXED THICK FILM CHIP RESISTORS
logo
Tyco Electronics
CFR50J1K0 MACOM-CFR50J1K0 Datasheet
143Kb / 4P
Carbon Film Fixed Resistors
logo
List of Unclassifed Man...
MCKNP03SJ0270A19 ETC2-MCKNP03SJ0270A19 Datasheet
397Kb / 10P
Wire Wound Fixed Resistors
logo
TE Connectivity Ltd
CFR TEC-CFR Datasheet
333Kb / 4P
Carbon film fixed Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com