Electronic Components Datasheet Search
  English  ▼

X  

SM7513 Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

Part # SM7513
Description  3W STEREO AUDIO POWER AMPLIFIER WITH UP / DOWN GAIN CONTROL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7513 Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

Back Button SM7513 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 10Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
FUNCTIONAL BLOCK DIAGRAM
Power
Management
PVDD
VDD
PGND
BYPASS
AGND
SHUTDOWN
MUX
Control
SE/BTL
32-Step
Volume
Control
UP/DOWN
RLINEIN
+
_
+
_
ROUT+
BYP
+
_
ROUT-
BYP
EN
SE/BTL
LLINEIN
+
_
+
_
LOUT+
BYP
+
_
LOUT-
BYP
EN
SE/BTL
BYP
BYP
SAMHOP Microelectronics Corp.
3W STEREO AUDIO POWER AMPLIFIER WITH UP / DOWN GAIN CONTROL
Page 5
V.1.0 Apr 30,2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com