Electronic Components Datasheet Search
  English  ▼

X  

SM7513 Datasheet(PDF) 8 Page - SamHop Microelectronics Corp.

Part # SM7513
Description  3W STEREO AUDIO POWER AMPLIFIER WITH UP / DOWN GAIN CONTROL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7513 Datasheet(HTML) 8 Page - SamHop Microelectronics Corp.

Back Button SM7513 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 11Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 12Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SAMHOP Microelectronics Corp.
3W STEREO AUDIO POWER AMPLIFIER WITH UP / DOWN GAIN CONTROL
VOLUME CONTROL
The output volume of SM7513 is respectively controlled by two input pins, UP and Down pin. The UP pin
controls the volume increment, and the DOWN pin controls the volume decrement. It increases/decreases ±2dB
each step. Both are all active high. The SM7513 built-in a RC oscillator and generates a based frequency for
volume output register to count increasingly or decreasingly. It starts to count when the UP/DOWN pin is
pressed. If the voltage on UP/DOWN pin is disappeared in specific unit period, the volume increment or
decrement is not accepted, which means no action, keeps the original voltage and clears the value in count
register. Therefore, there is no increment or decrement to make the volume uncertainly. After power on or
shutdown, SM7513 will has -4dB±2dB initial gain.
The mapping between output volume increment / decrement and active unit period is shown in Figure 2. When
the UP Key keeps high for one active unit period, the output gain increases 2db after the Key is released. When
the UP Key keeps low and the DOWN Key become high level for one active unit period, the output gain
decreases 2db.
The action of pressed the UP/DOWN Key continually is shown in Figure 3. The gain is increased/ decreased
after one unit periods. If the Key is continually be pressed more than two unit periods, the gain is increased/
decreased until to maximum 20dB or -65dB.
Page 7
t
T
UP
VIN
t
VDD/2
Vout
DOWN
T
t
Figure 2 . How the volume change with respect to Up/Down timing cotrol
UP
T
2T
2T
VDD/2
Vout
Figure 3. Up key be pressed continually
* T
300ms ± 20%
=
~
t
t
VIN
VIN
V.1.0 Apr 30,2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com