Electronic Components Datasheet Search
  English  ▼

X  

SM7513 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # SM7513
Description  3W STEREO AUDIO POWER AMPLIFIER WITH UP / DOWN GAIN CONTROL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7513 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  SM7513 Datasheet HTML 1Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7513 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SAMHOP Microelectronics Corp.
MAXIMUM RATINGS (Ta = 40~85oC)
VSS
VI
-
Supply Voltage, VDD, PVDD
Input Voltage
Continous total power dissipation
-0.3 ~ 6
- 0.3 ~ VDD +0.3
See Dissipation Rating Table
V
V
-
Symbol
Characteristic
Rating
Unit
RECOMMENDED OPERATING CONDITION
High-level input voltage
Supply Voltage, VDD, PVDD
Characteristic
Unit
Min.
Typ. Max.
Condition
Symbol
V
0.8
VDD
SE/BTL, UP, DOWN
VIH
2.0
SHUTDOWN
VIH
V
Low-level input voltage
0.4
VDD
SE/BTL, UP, DOWN
VIL
0.6
SHUTDOWN
VIL
oC
-40
85
Operating free-air temperature
--
TA
V
4.0
5.5
--
VSS
PACKAGE
TA≤25°C
Power Rating
Derating Factor
Above TA=25°C
TA=70°C
Power Rating
TA=85°C
Power Rating
SOP /SSOP
2.7mW
21.8 mW/°
C
1.7W
1.4W
DISSIPATION RATING TABLE
3W STEREO AUDIO POWER AMPLIFIER WITH UP / DOWN GAIN CONTROL
Page 3
V.1.0 Apr 30,2007
-
Tstg
TJ
Operaing junction temperature range
Storage temperatuer range
Lead temperature 1,6 mm (1/16 inch)
from case for 10 seconds
-65 ~ 150
-40 ~ 150
260
oC
oC
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com