Electronic Components Datasheet Search
  English  ▼

X  

SM16705FN Datasheet(PDF) 7 Page - SamHop Microelectronics Corp.

Part # SM16705FN
Description  8-BIT CONSTANT CURRENT LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM16705FN Datasheet(HTML) 7 Page - SamHop Microelectronics Corp.

Back Button SM16705FN Datasheet HTML 3Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 4Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 5Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 6Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 7Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 8Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 9Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 10Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 11Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ELECTRICAL CHARACTERISTICS (VDD = 5.0V, Ta = 25oC unless otherwise noted)
SAMHOP Microelectronics Corp.
8-BIT CONSTANT CURRENT LED DRIVER
Page 7
V.2.10
Supply Voltage Regulation
% / VDD
Symbol
VIH
VIL
VOL
VOH
I
△ OUT1
Io
△
UT3
RIN (up)
RIN (down)
IDD (off) 1
IDD (off) 2
IDD (off) 3
IDD (on) 1
IDD (on) 2
IOUT
Characteristic
Input
Voltage
"H" Level
"L" Level
Output
Voltage
SERIAL-OUT
Output Current 1
Current Skew
Output Current 2
Current Skew
Pull-Up Resistor
Pull-Down Resistor
Supply
Current
"OFF"
"ON"
Output Leakage Current
IOUT1
IOUT3
Condition
-
-
Min.
Typ.
Max.
Unit
V
0.7
VDD
GND
-
-
VDD
0.3
VDD
IOL = 1.0mA
V
-
-
0.4
4.6
-
-
IOH = -1.0mA
mA
REXT = 470Ω
(Include skew)
-
±1.5
±4.0
IOUT = 40mA
VCE = 0.4V
%
REXT = 470Ω
mA
REXT = 240Ω
-
±1.5
±4.0
IOUT = 75mA
VCE = 0.7V
%
REXT = 240Ω
-
150
300
600
KΩ
-
100
200
400
KΩ
R
EXT =OPEN, OUT0 ~ 7 = off
-
1.0
1.5
mA
R
EXT =470Ω, OUT0 ~ 7 = off
3.5
5.0
8.0
R
EXT =240Ω, OUT0 ~ 7 = off
6.5
8.0
15.0
R
EXT =470Ω, OUT0 ~ 7 = on
6.0
7.0
18.0
R
EXT =240Ω, OUT0 ~ 7 = on
10.0
13.0
28.0
REXT = 470Ω, Ta = -40 ~ 85oC
-
2.5
5.0
% / V
VOH = 15.0V
-
-
10
µA
VCE = 0.7V
VCE = 0.7V
IOUT2
34.1
40.0
45.9
33.7
39.5
45.3
66.3
78.0
89.7
VCE = 0.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com