Electronic Components Datasheet Search
  English  ▼

X  

SM16705FN Datasheet(PDF) 12 Page - SamHop Microelectronics Corp.

Part # SM16705FN
Description  8-BIT CONSTANT CURRENT LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM16705FN Datasheet(HTML) 12 Page - SamHop Microelectronics Corp.

Back Button SM16705FN Datasheet HTML 7Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 8Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 9Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 10Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 11Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 12Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 13Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 14Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 15Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
SAMHOP Microelectronics Corp.
8-BIT CONSTANT CURRENT LED DRIVER
Page 12
V.2.10
[1] Output Current (IOUT)
[2] Total supply voltage (VLED)
IOUT is set by the enternal resistor (R-EXT) as shown in Firgure1.
This device can operate at 0.4~0.7V (VOUT). When a higher voltage is input to the device, the excess
voltage is consumed inside the device, that leads to more power dissipation.
In order to minimize power dissipation and loss, we would like to recommend to set the total supply voltage
as shown below,
VLED (total supply voltage)=VOUT (IC Supply Voltage)+ Vf (LED Forward voltage)
+ VDS (MOSFET Voltage Drop )
When the total supply is too high considering the power dissipation of this device, an additional R can
decrease the supply voltage (VOUT).
[3] Pattern Layout
This device has only one ground pin that means signal ground pin and power ground pin are common.
If ground pattern layout contains large inductance and impedance, and the voltage between ground
and LATCH, CLOCK terminals exceeds 2.5V by switching noise during operation, this device may miss-
operate. So we would advise you to pay attention to pattern layout to minimize ground inductance.
PATTERN LAYOUT
VLED = 3 ~ 4 (V)
R-EXT
SERIAL-IN
LATCH
CLOCK
ENABLE
OUT0
OUT7
SERIAL-OUT
R-EXT
SERIAL-IN
LATCH
CLOCK
ENABLE
OUT7
GND
SERIAL-OUT
CPU
GND
VDD
OUT0
SCAN
SDM4953
SDM9435A
VDS
VDD
VDD
VDD
VDD
VOUT
VOUT
Vf
Vf
SDM4952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com