Electronic Components Datasheet Search
  English  ▼

X  

SM16705FN Datasheet(PDF) 10 Page - SamHop Microelectronics Corp.

Part # SM16705FN
Description  8-BIT CONSTANT CURRENT LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM16705FN Datasheet(HTML) 10 Page - SamHop Microelectronics Corp.

Back Button SM16705FN Datasheet HTML 6Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 7Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 8Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 9Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 10Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 11Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 12Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 13Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 14Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TIMING WAVEFORM
1. CLOCK, SERIAL-IN, SERIAL-OUT, OUTn
90%
50%
10%
90%
50%
10%
90%
50%
10%
90%
50%
10%
tpLH
tpHL
tsetup(D)
thold(D)
tr
tf
tw CLK
50%
50%
50%
CLOCK
SERIAL-IN
OUTn (current)
tor
tof
tw CLK
2. CLOCK-LATCH
3. ENABLE-OUTn
Page 10
V.2.10
SAMHOP Microelectronics Corp.
8-BIT CONSTANT CURRENT LED DRIVER
50%
50%
"L" level = DATA HOLD
tsetup(L)
50%
CLOCK
SERIAL-IN
LATCH
tpLH
tpHL
50%
50%
50%
50%
ENABLE
OUTn (Current)
50%
tW LAT
tW EN
SERIAL-OUT
tpHL
tpLH
90%
50%
10%
90%
50%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com