Electronic Components Datasheet Search
  English  ▼

X  

ADS807 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS807
Description  12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS807 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS807 Datasheet HTML 2Page - Texas Instruments ADS807 Datasheet HTML 3Page - Texas Instruments ADS807 Datasheet HTML 4Page - Texas Instruments ADS807 Datasheet HTML 5Page - Texas Instruments ADS807 Datasheet HTML 6Page - Texas Instruments ADS807 Datasheet HTML 7Page - Texas Instruments ADS807 Datasheet HTML 8Page - Texas Instruments ADS807 Datasheet HTML 9Page - Texas Instruments ADS807 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ADS807
6
SBAS072A
www.ti.com
SPECTRAL PERFORMANCE
Frequency (MHz)
0
5
10
15
20
25
0
–20
–40
–60
–80
–100
f
IN = 21MHz
SNR = 68dBFS
SFDR = 77dBFS
SPECTRAL PERFORMANCE
Frequency (MHz)
0
5
10
15
20
25
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
f
IN = 10MHz
SNR = 68dBFS
SFDR = 82dBFS
SPECTRAL PERFORMANCE
Frequency (MHz)
0
5
10
15
20
25
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
f
IN = 1MHz
SNR = 68dBFS
SFDR = 83dBFS
SPECTRAL PERFORMANCE
(Single-Ended, 2Vp-p)
Frequency (MHz)
0
4.5
9.0
13.5
0
–20
–40
–60
–80
–100
f
IN = 10MHz
SNR = 68dBFS
SFDR = 62dBFS
SPECTRAL PERFORMANCE
(Sampling Frequency = 27MHz)
Frequency (MHz)
0
4.5
9.0
13.5
0
–20
–40
–60
–80
–100
f
IN = 10MHz
SNR = 68dBFS
SFDR = 81dBFS
TYPICAL CHARACTERISTICS
At TA = full specified temperature range, differential input range = 2V to 3V, sampling rate = 50MHz, and internal reference, unless otherwise noted.
2-TONE INTERMODULATION DISTORTION
Frequency (MHz)
0
5
10
15
20
25
0
–20
–40
–60
–80
–100
f
1 = 12MHz
f
2 = 13MHz
IMD(3) = –71dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com