Electronic Components Datasheet Search
  English  ▼

X  

ADS807 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS807
Description  12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS807 Datasheet(HTML) 2 Page - Texas Instruments

  ADS807 Datasheet HTML 1Page - Texas Instruments ADS807 Datasheet HTML 2Page - Texas Instruments ADS807 Datasheet HTML 3Page - Texas Instruments ADS807 Datasheet HTML 4Page - Texas Instruments ADS807 Datasheet HTML 5Page - Texas Instruments ADS807 Datasheet HTML 6Page - Texas Instruments ADS807 Datasheet HTML 7Page - Texas Instruments ADS807 Datasheet HTML 8Page - Texas Instruments ADS807 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ADS807
2
SBAS072A
www.ti.com
PIN
DESIGNATOR
DESCRIPTION
1
GND
Ground
2
Bit 1
Data Bit 1 (MSB)
3
Bit 2
Data Bit 2
4
Bit 3
Data Bit 3
5
Bit 4
Data Bit 4
6
Bit 5
Data Bit 5
7
Bit 6
Data Bit 6
8
Bit 7
Data Bit 7
9
Bit 8
Data Bit 8
10
Bit 9
Data Bit 9
11
Bit 10
Data Bit 10
12
Bit 11
Data Bit 11
13
Bit 12
Data Bit 12 (LSB)
14
CLK
Convert Clock
15
+VS
+5V Supply
16
FSSEL
HI = 3V, LO = 2V
17
OTR
Out-of-Range Indicator
18
INT/EXT
Reference Select: HIGH or Floating = Exter-
nal LOW = Internal 50k
Ω pull-up.
19
OE
Output Enable
20
GND
Ground
21
REFB
Bottom Reference/Bypass
22
REFT
Top Reference/Bypass
23
CM
Common-Mode Voltage Output
24
IN
Complementary Analog Input
25
IN
Analog Input
26
GND
Ground
27
+VS
+5V Supply
28
VDRV
Logic Driver Supply Voltage
PIN DESCRIPTIONS
+VS ....................................................................................................... +6V
Analog Input ........................................................... (–0.3V) to (+VS + 0.3V)
Logic Input ............................................................. (–0.3V) to (+VS + 0.3V)
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature ..................................................................... +150
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
Top View
SSOP
PIN CONFIGURATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
GND
Bit 1 (MSB)
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 8
Bit 9
Bit 10
Bit 11
Bit 12 (LSB)
CLK
VDRV
+V
S
GND
IN
IN
CM
REFT
REFB
GND
OE
INT/EXT
OTR
FS
SEL
+V
S
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS807E
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS807E
SSOP-28
DB
–40
°C to +85°C
ADS807E
ADS807E
Tube, 50
""
"
"
"
ADS807E/1K
Tape and Reel, 1000
NOTE: (1) For the most current specifications and package information refer to our web site at www.ti.com.
PACKAGE/ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com