Electronic Components Datasheet Search
  English  ▼

X  

ADS807 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS807
Description  12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS807 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS807 Datasheet HTML 3Page - Texas Instruments ADS807 Datasheet HTML 4Page - Texas Instruments ADS807 Datasheet HTML 5Page - Texas Instruments ADS807 Datasheet HTML 6Page - Texas Instruments ADS807 Datasheet HTML 7Page - Texas Instruments ADS807 Datasheet HTML 8Page - Texas Instruments ADS807 Datasheet HTML 9Page - Texas Instruments ADS807 Datasheet HTML 10Page - Texas Instruments ADS807 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ADS807
7
SBAS072A
www.ti.com
SPECTRAL PERFORMANCE
(Sampling Frequency = 53MHz)
Frequency (MHz)
0
5.3
10.6
15.9
21.2
26.5
0
–20
–40
–60
–80
–100
f
IN = 21MHz
SNR = 68dBFS
SFDR = 72dBFS
SWEPT POWER SFDR
Input Amplitude (dBFS)
0
–10
–20
–30
–40
–50
–60
100
80
60
40
20
0
f
IN = 10MHz
dBc
dBFS
UNDERSAMPLING
(Sampling Frequency = 27MHz)
Frequency (MHz)
0
4.5
9.0
13.5
0
–20
–40
–60
–80
–100
f
IN = 50MHz
SNR = 65dBFS
SFDR = 73dBFS
TYPICAL CHARACTERISTICS (Cont.)
At TA = full specified temperature range, differential input range = 2V to 3V, sampling rate = 50MHz, and internal reference, unless otherwise noted.
DYNAMIC PERFORMANCE
vs SAMPLING FREQUENCY
(Differential Input)
Sampling Frequency (MHz)
90
85
80
75
70
65
60
35
40
45
50
55
60
SNR (3Vp-p)
SNR (2Vp-p)
SFDR (2Vp-p)
SFDR (3Vp-p)
f
IN = 5MHz
SINAD vs SAMPLING FREQUENCY
(Differential Input)
Sampling Frequency (MHz)
75
70
65
60
55
35
40
45
50
55
60
3Vp-p
2Vp-p
f
IN = 5MHz
800k
600k
400k
200k
0
OUTPUT NOISE HISTOGRAM (DC INPUT)
N – 2N – 1
N
N + 1
N + 2
Code
3V Full-Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com