Electronic Components Datasheet Search
  English  ▼

X  

LTC3728 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3728
Description  Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3728 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3728 Datasheet HTML 9Page - Linear Technology LTC3728 Datasheet HTML 10Page - Linear Technology LTC3728 Datasheet HTML 11Page - Linear Technology LTC3728 Datasheet HTML 12Page - Linear Technology LTC3728 Datasheet HTML 13Page - Linear Technology LTC3728 Datasheet HTML 14Page - Linear Technology LTC3728 Datasheet HTML 15Page - Linear Technology LTC3728 Datasheet HTML 16Page - Linear Technology LTC3728 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
LTC3728
3728fb
Figure 1 on the first page is a basic LTC3728 application
circuit. External component selection is driven by the
load requirement, and begins with the selection of RSENSE
and the inductor value. Next, the power MOSFETs and D1
are selected. Finally, CIN and COUT are selected. The
circuit shown in Figure 1 can be configured for operation
up to an input voltage of 28V (limited by the external
MOSFETs).
RSENSE Selection For Output Current
RSENSE is chosen based on the required output current.
The LTC3728 current comparator has a maximum thresh-
old of 75mV/RSENSE and an input common mode range of
SGND to 1.1(INTVCC). The current comparator threshold
sets the peak of the inductor current, yielding a maximum
average output current IMAX equal to the peak value less
half the peak-to-peak ripple current,
∆IL.
Allowing a margin for variations in the LTC3728 and
external component values yields:
R
mV
I
SENSE
MAX
=
50
When using the controller in very low dropout conditions,
the maximum output current level will be reduced due to
the internal compensation required to meet stability crite-
rion for buck regulators operating at greater than 50%
duty factor. A curve is provided to estimate this reducton
in peak output current level depending upon the operating
duty factor.
Operating Frequency
The LTC3728 uses a constant frequency phase-lockable
architecture with the frequency determined by an internal
capacitor. This capacitor is charged by a fixed current plus
an additional current which is proportional to the voltage
applied to the PLLFLTR pin. Refer to Phase-Locked Loop
and Frequency Synchronization in the Applications Infor-
mation section for additional information.
A graph for the voltage applied to the PLLFLTR pin vs
frequency is given in Figure 5. As the operating frequency
is increased the gate charge losses will be higher, reducing
efficiency (see Efficiency Considerations). The maximum
switching frequency is approximately 550kHz.
Inductor Value Calculation
The operating frequency and inductor selection are inter-
related in that higher operating frequencies allow the use
of smaller inductor and capacitor values. So why would
anyone ever choose to operate at lower frequencies with
larger components? The answer is efficiency. A higher
frequency generally results in lower efficiency because of
MOSFET gate charge losses. In addition to this basic
trade-off, the effect of inductor value on ripple current and
low current operation must also be considered.
The inductor value has a direct effect on ripple current. The
inductor ripple current
∆IL decreases with higher induc-
tance or frequency and increases with higher VIN:
∆I
fL
V
V
V
L
OUT
OUT
IN
=
⎛
⎝⎜
⎞
⎠⎟
1
1
()( )
–
Accepting larger values of
∆IL allows the use of low
inductances, but results in higher output voltage ripple
and greater core losses. A reasonable starting point for
setting ripple current is
∆IL=0.3(IMAX). The maximum ∆IL
occurs at the maximum input voltage.
APPLICATIO S I FOR ATIO
Figure 5. PLLFLTR Pin Voltage vs Frequency
OPERATING FREQUENCY (kHz)
200
250
300
350
550
400
450
500
3728 F05
2.5
2.0
1.5
1.0
0.5
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com