Electronic Components Datasheet Search
  English  ▼

X  

LTC3728 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3728
Description  Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3728 Datasheet(HTML) 2 Page - Linear Technology

  LTC3728 Datasheet HTML 1Page - Linear Technology LTC3728 Datasheet HTML 2Page - Linear Technology LTC3728 Datasheet HTML 3Page - Linear Technology LTC3728 Datasheet HTML 4Page - Linear Technology LTC3728 Datasheet HTML 5Page - Linear Technology LTC3728 Datasheet HTML 6Page - Linear Technology LTC3728 Datasheet HTML 7Page - Linear Technology LTC3728 Datasheet HTML 8Page - Linear Technology LTC3728 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
LTC3728
3728fb
ORDER PART
NUMBER
LTC3728EG
Input Supply Voltage (VIN).........................36V to –0.3V
Top Side Driver Voltages
(BOOST1, BOOST2) ...................................42V to – 0.3V
Switch Voltage (SW1, SW2) .........................36V to – 5V
INTVCC, EXTVCC, RUN/SS1, RUN/SS2, (BOOST1-SW1),
(BOOST2-SW2), PGOOD .............................7V to – 0.3V
SENSE1+, SENSE2 +, SENSE1–,
SENSE2 – Voltages ........................ (1.1)INTVCC to –0.3V
TJMAX = 125°C, θJA = 95°C/W
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
RUN/SS1
SENSE1+
SENSE1–
VOSENSE1
PLLFLTR
PLLIN
FCB
ITH1
SGND
3.3VOUT
ITH2
VOSENSE2
SENSE2–
SENSE2+
PGOOD
TG1
SW1
BOOST1
VIN
BG1
EXTVCC
INTVCC
PGND
BG2
BOOST2
SW2
TG2
RUN/SS2
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
PLLIN, PLLFLTR, FCB, Voltage ............ INTVCC to –0.3V
ITH1, ITH2, VOSENSE1, VOSENSE2 Voltages ...2.7V to –0.3V
Peak Output Current <10
µs (TG1, TG2, BG1, BG2) ... 3A
INTVCC Peak Output Current ................................ 50mA
Operating Temperature Range (Note 7) ... –40
°C to 85°C
Junction Temperature (Note 2) ............................. 125
°C
Storage Temperature Range ................. – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec)
(G Package Only) .................................................. 300
°C
32
33
31 30 29 28 27 26 25
9
10 11 12 13
TOP VIEW
14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
VOSENSE1
PLLFLTR
PLLIN
FCB
ITH1
SGND
3.3VOUT
ITH2
BOOST1
VIN
BG1
EXTVCC
INTVCC
PGND
BG2
BOOST2
ORDER PART
NUMBER
LTC3728EUH
UH PACKAGE
32-LEAD (5mm
× 5mm) PLASTIC QFN
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD IS SGND (MUST BE SOLDERED TO PCB)
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN/SS1, 2 = 5V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loops
VOSENSE1, 2
Regulated Feedback Voltage
(Note 3); ITH1, 2 Voltage = 1.2V
●
0.792
0.800
0.808
V
IVOSENSE1, 2
Feedback Current
(Note 3)
– 5
– 50
nA
VREFLNREG
Reference Voltage Line Regulation
VIN = 3.6V to 30V (Note 3)
0.002
0.02
%/V
VLOADREG
Output Voltage Load Regulation
(Note 3)
Measured in Servo Loop;
∆ITH Voltage = 1.2V to 0.7V
●
0.1
0.5
%
Measured in Servo Loop;
∆ITH Voltage = 1.2V to 2.0V
●
– 0.1
– 0.5
%
Consult LTC Marketing for parts specified with wider operating temperature ranges.
UH PART
MARKING
3728
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com