Electronic Components Datasheet Search
  English  ▼

X  

LTC3728 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3728
Description  Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3728 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3728 Datasheet HTML 14Page - Linear Technology LTC3728 Datasheet HTML 15Page - Linear Technology LTC3728 Datasheet HTML 16Page - Linear Technology LTC3728 Datasheet HTML 17Page - Linear Technology LTC3728 Datasheet HTML 18Page - Linear Technology LTC3728 Datasheet HTML 19Page - Linear Technology LTC3728 Datasheet HTML 20Page - Linear Technology LTC3728 Datasheet HTML 21Page - Linear Technology LTC3728 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
18
LTC3728
3728fb
winding as shown in Figure 6a or the capacitive charge
pump shown in Figure 6b. The charge pump has the
advantage of simple magnetics.
Topside MOSFET Driver Supply (CB, DB)
External bootstrap capacitors CB connected to the BOOST
pins supply the gate drive voltages for the topside MOSFETs.
Capacitor CB in the functional diagram is charged though
external diode DB from INTVCC when the SW pin is low.
When one of the topside MOSFETs is to be turned on, the
driver places the CB voltage across the gate-source of the
desired MOSFET. This enhances the MOSFET and turns on
the topside switch. The switch node voltage, SW, rises to
VIN and the BOOST pin follows. With the topside MOSFET
on, the boost voltage is above the input supply: VBOOST =
VIN + VINTVCC. The value of the boost capacitor CB needs
to be 100 times that of the total input capacitance of the
topside MOSFET(s). The reverse breakdown of the exter-
nal Schottky diode must be greater than VIN(MAX). When
adjusting the gate drive level, the final arbiter is the total
input current for the regulator. If a change is made and the
input current decreases, then the efficiency has improved.
If there is no change in input current, then there is no
change in efficiency.
Output Voltage
The LTC3728 output voltages are each set by an external
feedback resistive divider carefully placed across
the output capacitor. The resultant feedback signal is
Figure 6a. Secondary Output Loop & EXTVCC Connection
Figure 6b. Capacitive Charge Pump for EXTVCC
compared with the internal precision 0.800V voltage
reference by the error amplifier. The output voltage is
given by the equation:
VV
R
R
OUT =+
⎛
⎝⎜
⎞
⎠⎟
08
1
2
1
.
where R1 and R2 are defined in Figure 2.
SENSE+/SENSE– Pins
The common mode input range of the current comparator
sense pins is from 0V to (1.1)INTVCC. Continuous linear
operation is guaranteed throughout this range allowing
output voltage setting from 0.8V to 7.7V, depending upon
the voltage applied to EXTVCC. A differential NPN input
stage is biased with internal resistors from an internal
2.4V source as shown in the Functional Diagram. This
requires that current either be sourced or sunk from the
SENSE pins depending on the output voltage. If the output
voltage is below 2.4V current will flow out of both SENSE
pins to the main output. The output can be easily preloaded
by the VOUT resistive divider to compensate for the current
comparator’s negative input bias current. The maximum
current flowing out of each pair of SENSE pins is:
ISENSE+ + ISENSE– = (2.4V – VOUT)/24k
Since VOSENSE is servoed to the 0.8V reference voltage, we
can choose R1 in Figure 2 to have a maximum value to
absorb this current.
EXTVCC
FCB
SGND
VIN
TG1
SW
BG1
PGND
LTC3728
RSENSE
VOUT
VSEC
+
COUT
+
1
µF
3728 F06a
N-CH
N-CH
R6
+
CIN
VIN
T1
1:N
OPTIONAL EXTVCC
CONNECTION
5V < VSEC < 7V
R5
EXTVCC
VIN
TG1
SW
BG1
PGND
LTC3728
RSENSE
VOUT
VN2222LL
+
COUT
3728 F06b
N-CH
N-CH
+
CIN
+
1
µF
VIN
L1
BAT85
BAT85
BAT85
0.22
µF
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com