Electronic Components Datasheet Search
  English  ▼

X  

LTC3826 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3826
Description  30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3826 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3826 Datasheet HTML 14Page - Linear Technology LTC3826 Datasheet HTML 15Page - Linear Technology LTC3826 Datasheet HTML 16Page - Linear Technology LTC3826 Datasheet HTML 17Page - Linear Technology LTC3826 Datasheet HTML 18Page - Linear Technology LTC3826 Datasheet HTML 19Page - Linear Technology LTC3826 Datasheet HTML 20Page - Linear Technology LTC3826 Datasheet HTML 21Page - Linear Technology LTC3826 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
LTC3826
18
3826fc
APPLICATIONS INFORMATION
The term (1 + δ) is generally given for a MOSFET in the
form of a normalized RDS(ON) vs Temperature curve, but
δ = 0.005/°C can be used as an approximation for low
voltage MOSFETs.
The optional Schottky diodes D3 and D4 shown in Figure 14
conduct during the dead-time between the conduction of
the two power MOSFETs. This prevents the body diode of
the bottom MOSFET from turning on, storing charge during
the dead-time and requiring a reverse recovery period that
could cost as much as 3% in efficiency at high VIN. A 1A
to 3A Schottky is generally a good compromise for both
regions of operation due to the relatively small average
current. Larger diodes result in additional transition losses
due to their larger junction capacitance.
CIN and COUT Selection
The selection of CIN is simplified by the 2-phase architec-
ture and its impact on the worst-case RMS current drawn
through the input network (battery/fuse/capacitor). It can be
shown that the worst-case capacitor RMS current occurs
when only one controller is operating. The controller with
the highest (VOUT)(IOUT) product needs to be used in the
formula below to determine the maximum RMS capacitor
current requirement. Increasing the output current drawn
from the other controller will actually decrease the input
RMS ripple current from its maximum value. The out-of-
phase technique typically reduces the input capacitor’s RMS
ripple current by a factor of 30% to 70% when compared
to a single phase power supply solution.
In continuous mode, the source current of the top MOSFET
is a square wave of duty cycle (VOUT)/(VIN). To prevent
large voltage transients, a low ESR capacitor sized for the
maximum RMS current of one channel must be used. The
maximum RMS capacitor current is given by:
CIN Required IRMS
IMAX
VIN
VOUT
() VIN –VOUT
()
1/2
This formula has a maximum at VIN = 2VOUT, where IRMS
= IOUT/2. This simple worst-case condition is commonly
used for design because even significant deviations do not
offer much relief. Note that capacitor manufacturers’ ripple
current ratings are often based on only 2000 hours of life.
This makes it advisable to further derate the capacitor, or
to choose a capacitor rated at a higher temperature than
required. Several capacitors may be paralleled to meet
size or height requirements in the design. Due to the high
operating frequency of the LTC3826, ceramic capacitors
can also be used for CIN. Always consult the manufacturer
if there is any question.
The benefit of the LTC3826 2-phase operation can be cal-
culated by using the equation above for the higher power
controller and then calculating the loss that would have
resulted if both controller channels switched on at the same
time. The total RMS power lost is lower when both control-
lers are operating due to the reduced overlap of current
pulses required through the input capacitor’s ESR. This is
why the input capacitor’s requirement calculated above for
the worst-case controller is adequate for the dual controller
design. Also, the input protection fuse resistance, battery
resistance, and PC board trace resistance losses are also
reduced due to the reduced peak currents in a 2-phase
system. The overall benefit of a multiphase design will
only be fully realized when the source impedance of the
power supply/battery is included in the efficiency testing.
The sources of the top MOSFETs should be placed within
1cm of each other and share a common CIN(s). Separating
the sources and CIN may produce undesirable voltage and
current resonances at VIN.
A small (0.1μF to 1μF) bypass capacitor between the chip VIN
pin and ground, placed close to the LTC3826, is also sug-
gested. A 10Ω resistor placed between CIN (C1) and the VIN
pin provides further isolation between the two channels.
The selection of COUT is driven by the effective series
resistance (ESR). Typically, once the ESR requirement
is satisfied, the capacitance is adequate for filtering. The
output ripple (ΔVOUT) is approximated by:
VOUT IRIPPLE ESR +
1
8fCOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com