Electronic Components Datasheet Search
  English  ▼

X  

LTC3826 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC3826
Description  30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3826 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC3826 Datasheet HTML 28Page - Linear Technology LTC3826 Datasheet HTML 29Page - Linear Technology LTC3826 Datasheet HTML 30Page - Linear Technology LTC3826 Datasheet HTML 31Page - Linear Technology LTC3826 Datasheet HTML 32Page - Linear Technology LTC3826 Datasheet HTML 33Page - Linear Technology LTC3826 Datasheet HTML 34Page - Linear Technology LTC3826 Datasheet HTML 35Page - Linear Technology LTC3826 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
LTC3826
33
3826fc
TYPICAL APPLICATIONS
High Efficiency Synchronizable Dual 5V/8V Step-Down Converter
CIN1
10μF
CINT2
4.7μF
D2
D1
C1
1nF
39pF
RB1
365k
3826 TA04
CSS1
0.01μF
CITH1
470pF
RITH1
24.2k
RA1
69.8k
CITH1A
100pF
C2
1nF
RB2
353k
CSS2
0.01μF
CITH2
330pF
RITH2
105k
RA2
39.2k
CITH2A
100pF
CB2
0.47μF
100k
COUT2
150μF
CB1 0.47μF
MTOP2
MBOT2
MTOP1
MBOT1
L2
7.2μH
RSNS2
20mΩ
VOUT1
5V
5A
VIN
12V
VOUT2
8V
2A
L1
3.3μH
RSNS1
12mΩ
CIN2
10μF
COUT1
150μF
ITH1
VFB1
SENSE1+
SENSE1–
PLLLPF
PHASMD
CLKOUT
PLLIN/MODE
SGND
RUN1
RUN2
SENSE2–
SENSE2+
VFB2
ITH2
TRACK/SS2
TRACK/SS1
PGOOD2
PGOOD1
TG1
SW1
BOOST1
BG1
VIN
PGND
EXTVCC
INTVCC
BG2
BOOST2
SW2
TG2
FOLDDIS
100k
D3
D4
10nF
10k
LTC3826
MTOP1, MTOP2, MBOT1, MBOT2: Si7848DP
L1: CDEP105-3R2M
L2: CDEP105-7R2M
COUT1, COUT2 = SANYO 10TPD150M
22pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com