Electronic Components Datasheet Search
  English  ▼

X  

LTC3826 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3826
Description  30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3826 Datasheet(HTML) 2 Page - Linear Technology

  LTC3826 Datasheet HTML 1Page - Linear Technology LTC3826 Datasheet HTML 2Page - Linear Technology LTC3826 Datasheet HTML 3Page - Linear Technology LTC3826 Datasheet HTML 4Page - Linear Technology LTC3826 Datasheet HTML 5Page - Linear Technology LTC3826 Datasheet HTML 6Page - Linear Technology LTC3826 Datasheet HTML 7Page - Linear Technology LTC3826 Datasheet HTML 8Page - Linear Technology LTC3826 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTC3826
2
3826fc
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN)......................... 36V to –0.3V
Top Side Driver Voltages
(BOOST1, BOOST2) ............................... 42V to –0.3V
Switch Voltage (SW1, SW2) ......................... 36V to –5V
(BOOST1-SW1), (BOOST2-SW2) ............. 8.5V to –0.3V
RUN1, RUN2............................................... 7V to –0.3V
SENSE1+, SENSE2+, SENSE1–,
SENSE2– Voltages ................................ 11V to –0.3V
PLLIN/MODE, PLLLPF, Voltages ........... INTVCC to –0.3V
PHASMD, FOLDDIS, TRACK/SS1, TRACK/SS2
Voltages ........................................... INTVCC to –0.3V
EXTVCC ...................................................... 10V to –0.3V
ITH1, ITH2, VFB1, VFB2 Voltages ................. 2.7V to –0.3V
PGOOD1, PGOOD2 Voltages ..................... 8.5V to –0.3V
Peak Output Current <10μs (TG1, TG2, BG1, BG2).....3A
Operating Temperature Range (Note 2).... –40°C to 85°C
Junction Temperature (Note 3) ............................. 125°C
Storage Temperature Range .................. –65°C to 125°C
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3826EUH#PBF
LTC3826EUH#TRPBF
3826
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 85°C
LTC3826IUH#PBF
LTC3826IUH#TRPBF
3826
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3826EUH
LTC3826EUH#TR
3826
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 85°C
LTC3826IUH
LTC3826IUH#TR
3826
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
TOP VIEW
SENSE1–
PLLLPF
PHASMD
CLKOUT
PLLIN/MODE
SGND
RUN1
RUN2
BOOST1
BG1
VIN
PGND
EXTVCC
INTVCC
BG2
BOOST2
UH PACKAGE 32-LEAD (5mm
5mm) PLASTIC QFN
TJMAX = 125°C, JA = 34°C/W
EXPOSED PAD (PIN 33) IS SGND, MUST BE SOLDERED TO PCB
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com