Electronic Components Datasheet Search
  English  ▼

X  

LTC3835 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3835
Description  Low IQ Synchronous Step-Down Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3835 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3835 Datasheet HTML 9Page - Linear Technology LTC3835 Datasheet HTML 10Page - Linear Technology LTC3835 Datasheet HTML 11Page - Linear Technology LTC3835 Datasheet HTML 12Page - Linear Technology LTC3835 Datasheet HTML 13Page - Linear Technology LTC3835 Datasheet HTML 14Page - Linear Technology LTC3835 Datasheet HTML 15Page - Linear Technology LTC3835 Datasheet HTML 16Page - Linear Technology LTC3835 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC3835
13
3835fc
APPLICATIONS INFORMATION
RSENSE Selection For Output Current
RSENSE is chosen based on the required output current.
The current comparator has a maximum threshold of
100mV/RSENSE and an input common mode range of
SGND to 10V. The current comparator threshold sets the
peak of the inductor current, yielding a maximum average
output current IMAX equal to the peak value less half the
peak-to-peak ripple current,
ΔIL.
Allowing a margin for variations in the IC and external
component values yields:
R
mV
I
SENSE
MAX
=
80
When using the controller in very low dropout conditions,
the maximum output current level will be reduced due to the
internal compensation required to meet stability criterion for
buck regulators operating at greater than 50% duty factor. A
curve is provided to estimate this reduction in peak output
current level depending upon the operating duty factor.
Operating Frequency and Synchronization
The choice of operating frequency, is a trade-off between
efficiency and component size. Low frequency operation
improves efficiency by reducing MOSFET switching losses,
both gate charge loss and transition loss. However, lower
frequency operation requires more inductance for a given
amount of ripple current.
The internal oscillator of the LTC3835 runs at a nominal
400kHz frequency when the PLLLPF pin is left floating
and the PLLIN/MODE pin is a DC low or high. Pulling the
PLLLPF to INTVCC selects 530kHz operation; pulling the
PLLLPF to SGND selects 250kHz operation.
Alternatively, the LTC3835 will phase-lock to a clock
signal applied to the PLLIN/MODE pin with a frequency
between 140kHz and 650kHz (see Phase-Locked Loop
and Frequency Synchronization).
Inductor Value Calculation
The operating frequency and inductor selection are inter-
related in that higher operating frequencies allow the use
of smaller inductor and capacitor values. So why would
anyone ever choose to operate at lower frequencies with
larger components? The answer is efficiency. A higher
frequency generally results in lower efficiency because
of MOSFET gate charge losses. In addition to this basic
trade-off, the effect of inductor value on ripple current and
low current operation must also be considered.
The inductor value has a direct effect on ripple current.
The inductor ripple current
ΔIL decreases with higher
inductance or frequency and increases with higher VIN:
ΔI
fL
V
V
V
L
OUT
OUT
IN
=
⎛
⎝⎜
⎞
⎠⎟
1
1
()( )
–
Accepting larger values of
ΔIL allows the use of low in-
ductances, but results in higher output voltage ripple and
greater core losses. A reasonable starting point for setting
ripple current is
ΔIL=0.3(IMAX). The maximum ΔIL occurs
at the maximum input voltage.
The inductor value also has secondary effects. The tran-
sition to Burst Mode operation begins when the average
inductor current required results in a peak current below
10% of the current limit determined by RSENSE. Lower
inductor values (higher
ΔIL) will cause this to occur at
lower load currents, which can cause a dip in efficiency in
the upper range of low current operation. In Burst Mode
operation, lower inductance values will cause the burst
frequency to decrease.
Inductor Core Selection
Once the value for L is known, the type of inductor must
be selected. High efficiency converters generally cannot
afford the core loss found in low cost powdered iron cores,
forcing the use of more expensive ferrite or molypermalloy
cores. Actual core loss is independent of core size for a
fixed inductor value, but it is very dependent on inductance
selected. As inductance increases, core losses go down.
Unfortunately, increased inductance requires more turns
of wire and therefore copper losses will increase.
Ferrite designs have very low core loss and are preferred
at high switching frequencies, so design goals can
concentrate on copper loss and preventing saturation.
Ferrite core material saturates “hard,” which means that



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com