Electronic Components Datasheet Search
  English  ▼

X  

LTC3835 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3835
Description  Low IQ Synchronous Step-Down Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3835 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3835 Datasheet HTML 10Page - Linear Technology LTC3835 Datasheet HTML 11Page - Linear Technology LTC3835 Datasheet HTML 12Page - Linear Technology LTC3835 Datasheet HTML 13Page - Linear Technology LTC3835 Datasheet HTML 14Page - Linear Technology LTC3835 Datasheet HTML 15Page - Linear Technology LTC3835 Datasheet HTML 16Page - Linear Technology LTC3835 Datasheet HTML 17Page - Linear Technology LTC3835 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTC3835
14
3835fc
inductance collapses abruptly when the peak design current
is exceeded. This results in an abrupt increase in inductor
ripple current and consequent output voltage ripple. Do
not allow the core to saturate!
Power MOSFET and Schottky Diode (Optional)
Selection
Two external power MOSFETs must be selected for the
LTC3835: One N-channel MOSFET for the top (main)
switch, and one N-channel MOSFET for the bottom (syn-
chronous) switch.
The peak-to-peak drive levels are set by the INTVCC voltage.
This voltage is typically 5V during start-up (see EXTVCC Pin
Connection). Consequently, logic-level threshold MOSFETs
must be used in most applications. The only exception
is if low input voltage is expected (VIN < 5V); then, sub-
logic level threshold MOSFETs (VGS(TH) < 3V) should be
used. Pay close attention to the BVDSS specification for
the MOSFETs as well; most of the logic level MOSFETs are
limited to 30V or less.
Selection criteria for the power MOSFETs include the “ON”
resistance RDS(ON), Miller capacitance CMILLER, input
voltage and maximum output current. Miller capacitance,
CMILLER, can be approximated from the gate charge curve
usually provided on the MOSFET manufacturers’ data
sheet. CMILLER is equal to the increase in gate charge
along the horizontal axis while the curve is approximately
flat divided by the specified change in VDS. This result is
then multiplied by the ratio of the application applied VDS
to the Gate charge curve specified VDS. When the IC is
operating in continuous mode the duty cycles for the top
and bottom MOSFETs are given by:
Main Switch Duty Cycle
V
V
Synchronous Switc
OUT
IN
=
h
h Duty Cycle
VV
V
IN
OUT
IN
=
–
The MOSFET power dissipations at maximum output
current are given by:
P
V
V
IR
V
I
MAIN
OUT
IN
MAX
DS ON
IN
MAX
=
() +
()
+
()
2
2
1
δ
()
2
2
11
⎛
⎝⎜
⎞
⎠⎟ ()(
)
+
RC
VV
V
DR
MILLER
INTVCC
THMIN
TH
•
–
M
MIN
SYNC
IN
OUT
IN
MAX
f
P
VV
V
IR
⎡
⎣
⎢
⎤
⎦
⎥()
=
() +
()
–
2
1
δ DDS ON
()
where
δ is the temperature dependency of RDS(ON) and
RDR (approximately 2Ω) is the effective driver resistance
at the MOSFET’s Miller threshold voltage. VTHMIN is the
typical MOSFET minimum threshold voltage.
Both MOSFETs have I2R losses while the topside N-channel
equation includes an additional term for transition losses,
which are highest at high input voltages. For VIN < 20V
the high current efficiency generally improves with larger
MOSFETs, while for VIN > 20V the transition losses rapidly
increase to the point that the use of a higher RDS(ON) device
with lower CMILLER actually provides higher efficiency. The
synchronous MOSFET losses are greatest at high input
voltage when the top switch duty factor is low or during
a short-circuit when the synchronous switch is on close
to 100% of the period.
The term (1+
δ) is generally given for a MOSFET in the
form of a normalized RDS(ON) vs Temperature curve, but
δ = 0.005/°C can be used as an approximation for low
voltage MOSFETs.
The optional Schottky diode D1 shown in Figure 6 conducts
during the dead-time between the conduction of the two
power MOSFETs. This prevents the body diode of the
bottom MOSFET from turning on, storing charge during
the dead-time and requiring a reverse recovery period that
could cost as much as 3% in efficiency at high VIN. A 1A
to 3A Schottky is generally a good compromise for both
regions of operation due to the relatively small average
current. Larger diodes result in additional transition losses
due to their larger junction capacitance.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com