Electronic Components Datasheet Search
  English  ▼

X  

LTC4076 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4076
Description  Dual Input Standalone Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4076 Datasheet(HTML) 1 Page - Linear Technology

  LTC4076 Datasheet HTML 1Page - Linear Technology LTC4076 Datasheet HTML 2Page - Linear Technology LTC4076 Datasheet HTML 3Page - Linear Technology LTC4076 Datasheet HTML 4Page - Linear Technology LTC4076 Datasheet HTML 5Page - Linear Technology LTC4076 Datasheet HTML 6Page - Linear Technology LTC4076 Datasheet HTML 7Page - Linear Technology LTC4076 Datasheet HTML 8Page - Linear Technology LTC4076 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC4076
1
4076fa
TheLTC®4076isastandalonelinearchargerthatiscapable
of charging a single-cell Li-Ion battery from both wall
adapter and USB inputs. The charger can detect power at
the inputs and automatically select the appropriate power
source for charging.
No external sense resistor or blocking diode is required
for charging due to the internal MOSFET architecture.
Internal thermal feedback regulates the battery charge
current to maintain a constant die temperature during high
power operation or high ambient temperature conditions.
The float voltage is fixed at 4.2V and the charge current
is programmed with an external resistor. The LTC4076
terminatesthechargecyclewhenthechargecurrentdrops
below the user programmed termination threshold after
the final float voltage is reached. The LTC4076 can be put
into shutdown mode reducing the DCIN supply current to
20µA, the USBIN supply current to 10µA, and the battery
drain current to less than 2µA even with power applied
to both inputs.
Other features include automatic recharge, undervoltage
lockout,chargestatusoutput,powerpresentstatusoutput
to indicate the presence of wall adapter or USB power and
high power/low power mode (C/5) for USB compatible
applications.
Dual Input Battery Charger for Single-Cell Li-Ion
LTC4076
DCIN
USBIN
IUSB
IDC
BAT
HPWR
ITERM
1.24k
1%
2k
1%
1k
1%
WALL
ADAPTER
USB
PORT
1 F
1 F
+ 4.2V
SINGLE CELL
Li-Ion BATTERY
800mA (WALL)
500mA (USB)
4076 TA01
GND
Dual Input Standalone
Li-Ion Battery Charger
TIME (HR)
0
4.2
200
0
400
800
600
1000
1.5
2.5
3.6
3.4
5.0
4.0
3.8
2.5
0
0.5
1.0
2.0
3.0
CONSTANT VOLTAGE
USBIN = 5V
TA = 25°C
RIDC = 1.24k
RIUSB = 2k
HPWR = 5V
Complete Charge Cycle (1100mAh Battery)
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
*Protected by U.S. patents, including 6522118
■
Charges Single-Cell Li-Ion Batteries from Wall
Adapter and USB Inputs
■
Automatic Input Power Detection and Selection
■
Charge Current Programmable up to 950mA from
Wall Adapter Input
■
C/X Charge Current Termination
■
Thermal Regulation Maximizes Charge Rate
Without Risk of Overheating*
■
Preset Charge Voltage with ±0.6% Accuracy
■
18µA USB Suspend Current in Shutdown
■
Power Present Status Output
■
Charge Status Output
■
Automatic Recharge
■
Available in a Thermally Enhanced, Low Profile
(0.75mm) 10-Lead (3mm × 3mm) DFN Package
■
Cellular Telephones
■
Handheld Computers
■
Portable MP3 Players
■
Digital Cameras
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC4076

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4076 LINER-LTC4076 Datasheet
422Kb / 16P
Dual Input Standalone Li-Ion Battery Charger
LTC4076 LINER-LTC4076_15 Datasheet
422Kb / 16P
Dual Input Standalone Li-Ion Battery Charger
More results

Similar Description - LTC4076

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4077 LINER-LTC4077 Datasheet
209Kb / 16P
Dual Input Standalone Li-Ion Battery Charger
LTC4076 LINER-LTC4076_15 Datasheet
422Kb / 16P
Dual Input Standalone Li-Ion Battery Charger
LTC4077 LINER-LTC4077_15 Datasheet
424Kb / 16P
Dual Input Standalone Li-Ion Battery Charger
LTC4065 LINER-LTC4065_15 Datasheet
225Kb / 16P
Standalone 750mA Li-Ion Battery Charger
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
Standalone 750mA Li-Ion Battery Charger
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
Standalone 250mA Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
Standalone Li-ion Battery Charger
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
Standalone Li-ion Battery Charger
CN3761 CONSONANCE-CN3761 Datasheet
213Kb / 11P
Standalone Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com